Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRA400R02 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZRA400R02
Description  PRECISION 4.0 VOLT MICROPOWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA400R02 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZRA400R02 Datasheet HTML 1Page - Zetex Semiconductors ZRA400R02 Datasheet HTML 2Page - Zetex Semiconductors ZRA400R02 Datasheet HTML 3Page - Zetex Semiconductors ZRA400R02 Datasheet HTML 4Page - Zetex Semiconductors ZRA400R02 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
25mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
E-Line, 3 pin (TO92)
500mW
E-Line, 2 pin (TO92)
500mW
SO8
625mW
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL.
%
UNITS
MIN
TYP MAX
VR
Reverse Breakdown Voltage IR=150µA
4.05
4.01
3.97
4.096
4.096
4.096
4.14
4.18
4.22
1
2
3
V
IMIN
Minimum Operating Current
25
50
µA
IR
Recommended Operating
Current
0.05
5
mA
TC †
Average Reverse
Breakdown Voltage Temp.
Co.
IR(min) to
IR(max)
15
50
ppm/°C
RS §
Slope Resistance
0.55 2
ZR
Reverse Dynamic Impedance IR =1mA
f = 100Hz
IAC= 0.1 IR
0.5
1.2
† TC = VR Change
x
1000000
VR x Temperature Change
§ RS = V
R
Change(IR (min) to IR (max))
IR (
max) − IR (min)
1 - 35
ZRA400
ZRA400
1 - 34
0
Reverse Characteristics
Reverse Voltage (V)
0
10
20
30
50
4.0
2.0
40
T)=25°C
T)=-40°C
T)=85°C
4.06
4.10
4.08
TYPICAL CHARACTERISTICS
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (µs)
110
0.1
Slope Resistance v Frequency
-40
-20
0
20
40
60
80
Forward Characteristics
Forward Current (mA)
0.1
1
10
100
1000
IR=150µAto 5mA
0
2.0
4.0
1
0.1
10
100
1000
10
100
1
0.1
0.01
0
1000
2000
0
10
0
2.0
4.0
01
2
3
4
Time (µs)
I4=150µA
I4=1mA
I4=5mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA=25°C
TA=-40°C
TA=85°C
0
10
0
2.0
4.0
Transient Response
(Single Pulse)
Transient Response
(Repetitive Pulse)
INPUT
OUTPUT
40K
150µA
5mA
150 µA
1K2
5mA
INPUT
OUTPUT
40K
150µA
5mA
150 µA
1K2
5mA
IN
R
IN
R


Similar Part No. - ZRA400R02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRA400R02 DIODES-ZRA400R02 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRA400R02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER
logo
Zetex Semiconductors
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF12 ZETEX-ZREF12 Datasheet
71Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_4.1 DIODES-ZR4040_4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com