Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4838 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4838 Datasheet HTML 1Page - National Semiconductor (TI) LM4838 Datasheet HTML 2Page - National Semiconductor (TI) LM4838 Datasheet HTML 3Page - National Semiconductor (TI) LM4838 Datasheet HTML 4Page - National Semiconductor (TI) LM4838 Datasheet HTML 5Page - National Semiconductor (TI) LM4838 Datasheet HTML 6Page - National Semiconductor (TI) LM4838 Datasheet HTML 7Page - National Semiconductor (TI) LM4838 Datasheet HTML 8Page - National Semiconductor (TI) LM4838 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Connection Diagrams (Continued)
36 Bump micro SMD
20013388
Top View
Order Number LM4838ITL, LM4838ITLX
See NS Package Number TLA36AAA
micro SMD Marking
20013387
Top View
X - Date Code
T - Die Traceability
G - Boomer Family
A4 - LM4838ITL
6
NC
Right Out -
V
DD
Right Out +
GND
NC
5
GND
Right Gain 2
Right Gain 1
Gain Select
Shutdown
Mode
4
Bypass
NC
NC
DC Vol
Mute
V
DD
3
HP Sense
NC
NC
Beep In
Right Dock
GND
2
GND
Left Gain 2
Left Gain 1
Left In
Left Dock
Right In
1
NC
Left Out -
V
DD
Left Out +
GND
NC
Pin
Designator
AB
C
D
E
F
www.national.com
3


Similar Part No. - LM4838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4838 TI-LM4838 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838MTEX/NOPB TI-LM4838MTEX/NOPB Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838MTX/NOPB TI-LM4838MTX/NOPB Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results

Similar Description - LM4838

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com