Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-600H-54 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-600H-54
Description  CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-600H-54 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-600H-54 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-600H-54 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HLG-600H series
File Name:HLG-600H-SPEC 2016-10-27
LED high-bay lighting
Parking space lighting
LED fishing lamp
LED greenhouse lighting
Type “HL” for use in Class , Division 2
hazardous (Classified) location.
■ Model Encoding
Function options
Rated output voltage (12V/15V/20V/24V/30V/36V/42V/48V/54V)
Rated wattage
Series name
■ Description
HLG-600H series is a 600W AC/DC LED driver featuring the dual mode constant voltage and constant
current output. HLG-600H operates from 90
305VAC and offers models with different rated voltage ranging
between 12V and 54V. Thanks to the high efficiency up to 96%, with the fanless design, the entire series is
able to operate for -40
~ +90
℃℃ case temperature under free air convection. The design of metal housing
and IP67/IP65 ingress protection level allows this series to fit both indoor and outdoor applications. HLG-600H
is equipped with various function options, such as dimming methodologies, so as to provide the optimal design
flexibility for LED lighting system.
Constant Voltage + Constant Current mode output
Metal housing with class
design
I
Standby power consumption <0.5W at remote off
IP67 / IP65 rating for indoor or outdoor installations
•Function options: output adjustable via potentiometer;
3 in 1 dimming (dim-to-off)
Typical lifetime > 62000 hours
7 years warranty
■ Features
■ Applications
FM
M
110
SELV
IP65 IP67
Type HL
HLG
-
- 600H 15 A
Type
Blank
A
IP Level
IP67
IP65
Io and Vo fixed
Io and Vo adjustable through built-in potentiometer
Function
Note
By request
In Stock
B
IP67
3 in 1 dimming function (0~10VDC, 10V PWM signal and resistance)
In Stock
600W Constant Voltage + Constant Current LED Driver


Similar Part No. - HLG-600H-54

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H MEANWELL-HLG-60H Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - HLG-600H-54

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com