Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-600H-42 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-600H-42
Description  CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-600H-42 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HLG-600H-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-600H-42 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0
2
4
6
8
10
12
14
16
50%
60%
70%
80%
90%
100%
277V AC
230V AC
115V AC
84
86
88
90
92
94
96
98
100
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277V
230V
115V
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
277V
230V
115V
600W Constant Voltage + Constant Current LED Driver
HLG-600H series
File Name:HLG-600H-SPEC 2016-10-27
(HORIZONTAL)
-40
-25
0
204555657590
20
40
60
80
100
Tcase (
)
(600W)
LOAD
Constant Current Mode
POWER FACTOR(PF) CHARACTERISTIC
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTICS
Tcase at 80℃
LOAD
LOAD
HLG-600H series possess superior working efficiency that up to 96%
can be reached in field applications.
TOTAL HARMONIC DISTORTION (THD)
※ 48V Model, Tcase at 80
※ De-rating is needed under low input voltage.
※ 48V Model, Tcase at 80
90
115
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
EFFICIENCY vs LOAD
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
◎℃
At high ambient temperature Ta=70
, if HLG-600H operates in
C.C mode, the maximal current must not be greater than 60% of
the rated current.
55
AMBIENT TEMPERATURE,Ta (
)


Similar Part No. - HLG-600H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H MEANWELL-HLG-60H Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - HLG-600H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com