Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-480H-42 Datasheet(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-480H-42
Description  CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-480H-42 Datasheet(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button HLG-480H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. HLG-480H-42 Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
0
5
10
15
20
25
30
35
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
80
82
84
86
88
90
92
94
96
98
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277VAC
230VAC
115VAC
480W Constant Voltage + Constant Current LED Driver
HLG-480H series
File Name:HLG-480H-SPEC 2016-12-01
(HORIZONTAL)
-40
-25
0
204555657590
20
40
60
80
100
Tcase (
)
(480W)
Constant Current Mode
POWER FACTOR(PF) CHARACTERISTIC
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTICS
90
110
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
Tcase at 75℃
EFFICIENCY vs LOAD
HLG-480H series possess superior working efficiency that up to 95.5%
can be reached in field applications.
TOTAL HARMONIC DISTORTION (THD)
※ 42V Model, Tcase at 75
LOAD
LOAD
LOAD
※ 42V Model, Tcase at 75
AMBIENT TEMPERATURE,Ta (
)
-40
-25
-10
0
15
30
50
60 65 70
20
40
60
80
100
(HORIZONTAL)
Above 230VAC
1VAC
10


Similar Part No. - HLG-480H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H-42A MEANWELL-HLG-480H-42A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-42B MEANWELL-HLG-480H-42B Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
More results

Similar Description - HLG-480H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com