Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-480H-36 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-480H-36
Description  CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-480H-36 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-480H-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HLG-480H-36 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLOCK DIAGRAM
PFC fosc : 45KHz
PWM fosc : 55KHz
DIM+
(B Type)
DIM-
DETECTION
PWM
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
Vo+
Vo-
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
O.T.P.
480W Constant Voltage + Constant Current LED Driver
HLG-480H series
File Name:HLG-480H-SPEC 2016-12-01
DRIVING METHODS OF LED MODULE
Typical output current normalized by rated current (%)
100
50
50
100
Io (%)
Constant
Current area
Constant
Voltage area
(A)
(B)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
※ This series is able to work in either Constant Current mode (a direct drive way) or
Constant Voltage mode (usually through additional DC/DC driver) to drive the LEDs.


Similar Part No. - HLG-480H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H-36A MEANWELL-HLG-480H-36A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-36B MEANWELL-HLG-480H-36B Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
More results

Similar Description - HLG-480H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com