Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-480H-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-480H-30
Description  CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-480H-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HLG-480H-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HLG-480H-30 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CONSTANT CURRENT REGION Note.4
SPECIFICATION
MODEL
DC VOLTAGE
OUTPUT
CURRENT ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
MAX. CASE TEMP.
STORAGE TEMP., HUMIDITY
VIBRATION
MTBF
DIMENSION
OTHERS
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
47 ~ 63Hz
PF
0.98/115VAC, PF
0.97/230VAC, PF
0.95/277VAC @ full load
≧≧
5A / 115VAC
2.45A / 230VAC
2A / 277VAC
<0.75mA / 277VAC
2unit(circuit breaker of type B) / 3units(circuit breaker of type C) at 230VAC
95 ~ 108%
Constant current limiting, recovers automatically after fault condition is removed
Compliance to EN55015,EN61000-3-2 Class C (@ load
50%) ; EN61000-3-3; GB17743, GB17625.1
Compliance to EN61000-4-2,3,4,5,6,8,11, EN61547, light industry level (surge immunity Line-Earth 4KV, Line-Line 2KV)
20 ~ 95% RH non-condensing
Tcase= +90
-40 ~ +80
, 10 ~ 95% RH
non-condensing
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
345.5K hrs min.
Telcordia SR-332(Bellcore) ; 95.3K hrs min.
MIL-HDBK-217F (25
)
262*125*43.8mm (L*W*H)
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SHORT CIRCUIT
Constant current limiting, recovers automatically after fault condition is removed
94%
94.5%
94.5%
95%
95%
95.5%
95%
95.5%
94.5%
95%
95%
95%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
10 ~ 20A
8 ~ 16A
6.6 ~ 13.3A
5.7 ~ 11.4A
5 ~ 10A
4.4 ~ 8.9A
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
24V
HLG-480H-24
HLG-480H-30
HLG-480H-36
HLG-480H-42
HLG-480H-48
HLG-480H-54
30V
36V
42V
48V
54V
12 ~ 24V
15 ~ 30V
18 ~ 36V
21 ~ 42V
24 ~ 48V
27 ~ 54V
EMC IMMUNITY
EMC EMISSION
COLD START 35A(t
=1800 s measured at 50% I
) at 230VAC; Per NEMA 410
width
peak
TOTAL HARMONIC DISTORTION
480W Constant Voltage + Constant Current LED Driver
HLG-480H series
File Name:HLG-480H-SPEC 2016-12-01
THD< 20% (@ load
40% / 115VAC,230VAC,277VAC)
(Please refer to TOTAL HARMONIC DISTORTION (THD) section)
""
I/P-O/P:3.75KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
16ms
115VAC/230VAC
500ms, 80ms 115VAC/230VAC
90 ~ 305VAC
127 ~ 431VDC
(Please refer to "STATIC CHARACTERISTIC" section)
Tcase= -40 ~ +90
℃ (Please refer to "OUTPUT LOAD vs TEMPERATURE" section)
Shut down output voltage, re-power on to recovery
Shut down output voltage, re-power on to recovery
RATED CURRENT
RATED POWER
VOLTAGE ADJ. RANGE
RIPPLE & NOISE (max.) Note.2
20A
16A
13.3A
11.4A
10A
8.9A
480W
480W
478.8W
478.8W
480W
480.6W
200mVp-p
200mVp-p
250mVp-p
250mVp-p
250mVp-p
350mVp-p
Adjustable for A-Type only (via built-in potentiometer)
Adjustable for A-Type only (via built-in potentiometer)
20.4 ~ 25.2V
25.5 ~ 31.5V
30.6 ~ 37.8V
35.7 ~ 44.1V
40.8 ~ 50.4V
45.9 ~ 56.7V
27 ~ 33V
33 ~ 40V
40 ~ 50V
46 ~ 55V
53 ~ 63V
60 ~ 70V
(Please refer to "
"
)
POWER FACTOR (PF) CHARACTERISTIC section
ISOLATION RESISTANCE
WITHSTAND VOLTAGE
UL8750(type”HL”), CSA C22.2 No. 250.13-12; ENEC EN61347-1, EN61347-2-13 independent, EN62384; GB19510.14,GB19510.1; IP65 or IP67 approved
TEMP. COEFFICIENT
±℃
0.02%/
(0 ~ 60
)
PACKING
2.8Kg;4pcs/12.2Kg/0.58CUFT
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated current and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4.
Please refer to "DRIVING METHODS OF LED MODULE".
5.
De rating may be needed under low input voltages. Please
.
-
refer to “STATIC CHARACTERISTIC” sections for details
6. Length of set up time is measured at first cold start. Turning ON/OFF the driver may lead to increase of the set up time.
7.
driver
The
is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
8. To fulfill requirements of the latest ErP regulation for lighting fixtures, this LED
can only be used behind a switch without permanently
driver
connected to the mains.
9. This series meets the typical life expectancy of >62,000 hours of operation when Tcase, particularly tc point (or TMP, per DLC), is about 75 or less.
10. Please refer to the warranty statement on MEAN WELL's website at http://www.meanwell.com
μ
EFFICIENCY
(Typ.)
230VAC
277VAC


Similar Part No. - HLG-480H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H-30A MEANWELL-HLG-480H-30A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-30B MEANWELL-HLG-480H-30B Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
More results

Similar Description - HLG-480H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com