Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBG-100P Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HBG-100P
Description  CONSTANT CURRENT MODE OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HBG-100P Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HBG-100P Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HBG-100P Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■ Model Encoding
■ Description
■ Features
■ Applications
File Name:HBG-100P-SPEC 2016-05-03
HBG-100P series
HBG-100P series is a 100W AC/DC PCB type LED driver featuring the circular shape design.
It operates from 90 305VAC and offers constant current output models with different rated
voltage ranging between 36V and 60V. Thanks to the high efficiency up to 91.5%, with the
fanless design, the entire series is able to operate for -40
~ +45
under free air convection.
℃℃
HBG-100P is equipped with various function options, such as dimming methodology, so as to
provide the optimal design flexibility for LED lighting system.
Rated
wattage
Function options
Constant Current mode output
Circular shape PCB type design
Built-in active PFC function
Function options: output adjustable via potentiometer;
3 in 1 dimming
Typicallifetime>50000 hours
5 years warranty
SELV
18
100W Constant Current Mode LED Driver
LED bay lighting
LED down lighting
LED spot lighting
LED mining lighting
LED stage lighting
Rated output
voltage(36/48/60V)
PCB type
Series name
- 36
HBG - 100P
A
Type
A
B
Io adjustable through built-in potentiometer.
3 in 1 dimming function (1~10Vdc, 10V PWM signaland resistance)
Function
Note
In Stock
In Stock


Similar Part No. - HBG-100P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100 MEANWELL-HBG-100 Datasheet
4Mb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HBG-100P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com