Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA-40-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # DRA-40-24
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRA-40-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  DRA-40-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRA-40-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DRA-40-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DRA-40-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DRA-40-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
264
100
90
80
70
60
50
40
175
230VAC
Input only
20
40
60
80
100
(VERTICAL)
-20
0
15
30
040
50 55
-30
60
70
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
DIM+
DIM-
I/P
CONTROL
O.V.P.
O.C.P.
FG
OUTPUT CURRENT ADJUSTMENT OPERATION
※ Reference resistance value for output current adjustment (Typical)
※ Built-in 3 in 1 current adjustment function . Output constant current level can be adjusted by applying 1 ~ 10Vdc, 10V PWM
signal or resistance between DIM+ and DIM-.
※ Please DO NOT connect "DIM-" to "-V".
60K
Ω
60%
60%
10K
Ω
10K
/N
Ω 20K /N
Ω 30K /N
Ω 40K /N
Ω 50K /N
Ω 60K /N
Ω 70K /N
Ω 80K /N
Ω 90K /N
Ω 100K /N
Ω
Single Power supply
Multiple Power supplies
(N=Power supply quantity for simultaneous
current adjustment control)
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
Ω
20%
20%
30K
Ω
30%
30%
40K
Ω
40%
40%
50K
Ω
50%
50%
70K
Ω
70%
70%
80K
Ω
80%
80%
90K
Ω 100KΩ
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Applied Source
Percentage of rated current
Percentage of rated current
※ 1 ~ 10Vdc for output current adjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Duty value
Percentage of rated current
102%~108%
-----
102%~108%
102%~108%
※ 10V PWM signal for output current adjustment (Typical): Frequency range :100Hz ~ 3KHz
40W Single Output Switching Power Supply
DRA-40 series
File Name:DRA-40-SPEC 2015-06-11
Derating Curve
Static Characteristics
Block Diagram


Similar Part No. - DRA-40-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA-48A** CHINFA-DRA-48A* Datasheet
305Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA-40-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com