Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APV-25 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # APV-25
Description  CONSTANT VOLTAGE MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APV-25 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  APV-25_17 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APV-25_17 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
APV-25-5
APV-25-12
APV-25-15
APV-25-24
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
5V
12V
15V
24V
3.5A
2.1A
1.68A
1.05A
0 ~ 3.5A
0 ~ 2.1A
0 ~ 1.68A
0 ~ 1.05A
17.5W
25.2W
25.2W
25.2W
120mVp-p
150mVp-p
150mVp-p
150mVp-p
±5.0%
±1.0%
±2.0%
1500ms, 30ms / 230VAC
1500ms,30ms / 115VAC at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
75.5%
82%
83%
83%
5.75 ~ 6.95V
13.8 ~ 16.2V
17.25 ~ 21V
27 ~ 32.4V
0.4A/230VAC
0.8A/115VAC
COLD START 45A(twidth=310 s measured at 50% Ipeak) at 230VAC
μ
0.25mA / 240VAC
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
84*57*29.5mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7.The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
25W Single Output Switching Power Supply
Constant voltage mode power supply
Universal AC input / Full range
Withstand 300VAC Surge input for 5 seconds
Protections: Short circuit / Over load / Over voltage
Fully isolated plastic case
Cooling by free air convection
Small and compact size
IP42 design
Class 2 power unit
ass LPS
P
100% full load burn-in test
Low cost, high reliability
Suitable for LED lighting and moving sign applications
2 years warranty
Features :
APV-25 series
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
20ms/230VAC
12ms/115VAC at full load
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100M Ohms / 500VDC / 25
/ 70% RH
File Name:APV-25-SPEC 2016-11-10
LPS
692.8K hrs min.
MIL-HDBK-217F (25
)
EMC IMMUNITY
Compliance to EN55022,EN61000-3-2 Class A,EN61000-3-3
Compliance to EN55024,EN61000-4-2,3,4,5,6,8,11; light industry level(surge 2KV), criteria A
EMC EMISSION
APV-25-36
36V
0.7A
0 ~ 0.7A
25.2W
150mVp-p
84%
41.4 ~ 48.6V
-30 ~ 70
(Refer to "Derating Curve")
Above 105% rated output power
Protection type : Shut down o/p voltage, re-power on to recover
0.13Kg; 72pcs / 10.4Kg / 0.92CUFT
UL8750 , CSA-C22.2 No. 250.0-13, IP42 approved; design refer to EN60950-1
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
9 units (circuit breaker of type B) / 15 units (circuit breaker of type C) at 230VAC
IP42


Similar Part No. - APV-25_17

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_12 Datasheet
694Kb / 2P
   25W Single Output Switching Power Supply
More results

Similar Description - APV-25_17

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-35 MEANWELL-APV-35_17 Datasheet
71Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
GSC18B MEANWELL-GSC18B Datasheet
108Kb / 4P
   CONSTANT VOLTAGE MODE POWER SUPPLY(UP TO 277VAC)
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
logo
Sanyo Semicon Device
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com