Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2795EARWZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2795EARWZ-RL7
Description  Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2795EARWZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADM2795EARWZ-RL7 Datasheet HTML 1Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 2Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 3Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 4Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 5Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 6Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 7Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 8Page - Analog Devices ADM2795EARWZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADM2795E
Rev. 0 | Page 5 of 27
INSULATION AND SAFETY-RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 3.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
5000
V rms
1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.8
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
7.8
mm min
Measured from input terminals to output terminals,
shortest distance along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L(PCB)
8.3
mm min
Measured from input terminals to output terminals,
shortest distance through air, line of sight, in the PCB
mounting plane
Minimum Internal Gap (Internal Clearance)
25.5
µm min
Minimum distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Material Group
II
Material Group (DIN VDE 0110, 1/89)
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
R
I-O
1013
Ω
Capacitance (Input to Output)1
C
I-O
2.2
pF
f = 1 MHz
Input Capacitance2
C
I
4.0
pF
Input Capacitance, A and B Pins
C
AB
150
pF
TA = 25°C, see Figure 17
IC Junction to Ambient Thermal Resistance
θ
JA
59.7
°C/W
Thermocouple located at center of package underside
1 The device is considered a 2-terminal device: Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any digital input pin to ground.
REGULATORY INFORMATION
See Table 8 and the Insulation Wear Out section for details regarding recommended maximum working voltages for specific cross
isolation waveforms and insulation levels.
The ADM2795E is approved or pending approval by the organizations listed in Table 5.
Table 5. ADM2795E Approvals
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to DIN V VDE V 0884-
10 (VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012,
GB4943.1-2011
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1
second edition +A1+A2:
Reinforced insulation, VIORM = 849 V peak,
VIOSM = 8000 V peak
Basic insulation at
780 V rms (1103 V peak)
Basic insulation at 780 V rms
(1103 V peak)
Reinforced insulation at
389 V rms (552 V peak)
Reinforced insulation at 390 V rms
(552 V peak)
IEC 60601-1 Edition 3.1: basic insulation
(two means of patient protection
(MOPP)), 250 V rms (353 V peak)
CSA 61010-1-12 and IEC 61010-1 third
edition:
Basic insulation at 300 V rms mains, 780 V
secondary (1103 V peak)
Reinforced insulation at 300 V rms mains,
390 V secondary (552 V peak)
File (Pending)
File (pending)
File 40011599
File (pending)
1 In accordance with UL 1577, each ADM2795E is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADM2795E is proof tested by applying an insulation test voltage ≥1592 V peak for 1 sec.


Similar Part No. - ADM2795EARWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2795EARWZ-RL7 AD-ADM2795EARWZ-RL7 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
More results

Similar Description - ADM2795EARWZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com