Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5567-EVALZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5567-EVALZ
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5567-EVALZ Datasheet HTML 6Page - Analog Devices ADL5567-EVALZ Datasheet HTML 7Page - Analog Devices ADL5567-EVALZ Datasheet HTML 8Page - Analog Devices ADL5567-EVALZ Datasheet HTML 9Page - Analog Devices ADL5567-EVALZ Datasheet HTML 10Page - Analog Devices ADL5567-EVALZ Datasheet HTML 11Page - Analog Devices ADL5567-EVALZ Datasheet HTML 12Page - Analog Devices ADL5567-EVALZ Datasheet HTML 13Page - Analog Devices ADL5567-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 9 of 23
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
10M
100M
1G
FREQUENCY (Hz)
5V HP MODE
3.3V HP MODE
Figure 9. Noise Figure vs. Frequency over VS, HP Mode
0
0.5
1.0
1.5
2.0
2.5
10M
100M
1G
FREQUENCY (Hz)
5V HP MODE
3.3V HP MODE
Figure 10. Noise Spectral Density (NSD) vs. Frequency over VS, HP Mode
OIP3, 5V HP, 25°C
OIP3, 5V LP, 25°C
OIP3, 3.3V HP, 25°C
OIP3, 3.3V LP, 25°C
IMD3, 5V HP, 25°C
IMD3, 5V LP, 25°C
IMD3, 3.3V HP, 25°C
IMD3, 3.3V LP, 25°C
–40
–30
–20
–10
0
10
20
30
40
50
–120
–100
–80
–60
–40
–20
0
20
40
60
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Figure 11. IMD3 and OIP3 vs. Frequency over Supply Voltage and Power Modes
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
OIP3, 5V HP, +85°C
OIP3, 5V LP, +85°C
OIP3, 3.3V HP, +85°C
OIP3, 3.3 LP, +85°C
OIP3, 5V HP, +25°C
OIP3, 5V LP, +25°C
OIP3, 3.3V HP, +25°C
OIP3, 3.3V LP, +25°C
OIP3, 5V HP, –40°C
OIP3, 5V LP, –40°C
OIP3, 3.3V HP, –40°C
OIP3, 3.3V LP, –40°C
Figure 12. OIP3 vs. Frequency over Temperature, Supply Voltage, and Power
Modes
FREQUENCY (GHz)
–120
–100
–80
–60
–40
–20
0
20
40
60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OIP3, 5V HP, +85°C
OIP3, 5V LP, +85°C
OIP3, 3.3V HP, +85°C
OIP3, 3.3 LP, +85°C
OIP3, 5V HP, +25°C
OIP3, 5V LP, +25°C
OIP3, 3.3V HP, +25°C
OIP3, 3.3V LP, +25°C
OIP3, 5V HP, –40°C
OIP3, 5V LP, –40°C
OIP3, 3.3V HP, –40°C
OIP3, 3.3V LP, –40°C
Figure 13. IMD3 vs. Frequency over Temperature, Supply Voltage, and Power
Modes
FREQUENCY (MHz)
0
500
1000
1500
2000
5V HP MODE, CH 1, RL = 200Ω
5V HP MODE, CH 2, RL = 200Ω
5V HP MODE, CH 1, RL = 100Ω
5V HP MODE, CH 2, RL = 100Ω
Figure 14. IMD3 vs. Frequency for RL = 100 Ω


Similar Part No. - ADL5567-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5561-EVALZ AD-ADL5561-EVALZ Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
ADL5561-EVALZ AD-ADL5561-EVALZ Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5561ACPZ-R7 AD-ADL5561ACPZ-R7 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
More results

Similar Description - ADL5567-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
   6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
   6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
   6 GHz Ultrahigh Dynamic Range
REV. B
logo
Mimix Broadband
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com