Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13N20DE6 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXT13N20DE6
Description  20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT13N20DE6 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXT13N20DE6 Datasheet HTML 1Page - Zetex Semiconductors ZXT13N20DE6 Datasheet HTML 2Page - Zetex Semiconductors ZXT13N20DE6 Datasheet HTML 3Page - Zetex Semiconductors ZXT13N20DE6 Datasheet HTML 4Page - Zetex Semiconductors ZXT13N20DE6 Datasheet HTML 5Page - Zetex Semiconductors ZXT13N20DE6 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 1 - DECEMBER 1999
ZXT13N20DE6
SuperSOT4™
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY
V
CEO=20V; RSAT = 38m
;I
C= 4.5A
DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex
matrix structure combined with advanced assembly techniques to give
extremely low on state losses. This makes it ideal for high efficiency, low
voltage switching applications.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 15A
• I
C=4.5A Continuous Collector Current
• SOT23-6 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXT13N20DE6TA
7
8mm embossed
3000 units
ZXT13N20DE6TC
13
8mm embossed
10000 units
DEVICE MARKING
N20D
Top View
1
SOT23-6
C
E
B
C
C
C


Similar Part No. - ZXT13N20DE6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6TA DIODES-ZXT13N20DE6TA Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6TA DIODES-ZXT13N20DE6TA Datasheet
425Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6TC DIODES-ZXT13N20DE6TC Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 DIODES-ZXT13N20DE6_15 Datasheet
425Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT13N20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT11N20DF ZETEX-ZXT11N20DF Datasheet
407Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com