Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25138P-V Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25138P-V
Description  5MHz SPI Serial E2PROM with Block Lock PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25138P-V Datasheet(HTML) 4 Page - Xicor Inc.

  X25138P-V Datasheet HTML 1Page - Xicor Inc. X25138P-V Datasheet HTML 2Page - Xicor Inc. X25138P-V Datasheet HTML 3Page - Xicor Inc. X25138P-V Datasheet HTML 4Page - Xicor Inc. X25138P-V Datasheet HTML 5Page - Xicor Inc. X25138P-V Datasheet HTML 6Page - Xicor Inc. X25138P-V Datasheet HTML 7Page - Xicor Inc. X25138P-V Datasheet HTML 8Page - Xicor Inc. X25138P-V Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
X25138
4
The Write-Protect-Enable (WPEN) bit is available for
the X25138 as a nonvolatile enable bit for the WP pin.
7037 FRM T05
Programmable Hardware Write Protection
The Write Protect (WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register
control the Programmable Hardware Write Protect
feature. Hardware Write Protection is enabled when
WP pin is LOW, and the WPEN bit is “1”. Hardware
Write Protection is disabled when either the WP pin is
HIGH or the WPEN bit is “0”. When the chip is hard-
ware write protected, nonvolatile writes are disabled to
the Status Register, including the Block Lock bits and
the WPEN bit itself, as well as the block-protected
sections in the memory array. Only the sections of the
memory array that are not block-protected can be
written.
In Circuit Programmable ROM Mode
Note that since the WPEN bit is write protected, it
cannot be changed back to a LOW state; so write
protection is enabled as long as the WP pin is held
LOW. Thus an In Circuit Programmable ROM function
can be emplemented by hardwiring the WP pin to Vss,
writing to and Block Locking the desired portion of the
array to be ROM, and then programming the WPEN bit
HIGH. The table above defines the program protect
status for each combination of WPEN and WP.
Clock and Data Timing
Data input on the SI line is latched on the rising edge
of SCK. Data is output on the SO line by the falling
edge of SCK.
Read Sequence
When reading from the E2PROM memory array, CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25138, followed by
the 16-bit address of which the last 14 are used. After
the READ opcode and address are sent, the data
stored in the memory at the selected address is
shifted out on the SO line. The data stored in memory
WPEN
WP WEL
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
0
Protected
Protected
Protected
1
LOW
1
Protected
Writable
Protected
X
HIGH
0
Protected
Protected
Protected
X
HIGH
1
Protected
Writable
Writable
at the next address can be read sequentially by
continuing to provide clock pulses. The address is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached ($3FFF) the address counter rolls
over to address $0000 allowing the read cycle to be
continued indefinitely. The read operation is termi-
nated by taking CS HIGH. Refer to the read E2PROM
array operation sequence illustrated in Figure 1.
To read the status register the CS line is first pulled
LOW to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the status register are shifted out on the SO line.
Figure 2 illustrates the read status register sequence.
Write Sequence
Prior to any attempt to write data into the X25138, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 3). CS is first taken
LOW, then the WREN instruction is clocked into the
X25138. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user
continues the write operation without taking CS HIGH
after issuing the WREN instruction, the write operation
will be ignored.
To write data to the E2PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. This is minimally a
thirty-two clock operation. CS must go LOW and remain
LOW for the duration of the operation. The host may
continue to write up to 32 bytes of data to the X25138.
The only restriction is the 32 bytes must reside on the
same page. If the address counter reaches the end of
the page and the clock continues, the counter will “roll
over” to the first address of the page and overwrite any
data that may have been written.
For the write operation (byte or page write) to be
completed, CS can only be brought HIGH after bit 0 of
data byte N is clocked in. If it is brought HIGH at any
other time the write operation will not be completed.
Refer to Figures 4 and 5 below for a detailed illustra-
tion of the write sequences and time frames in which
CS going HIGH are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 4, 5
and 6 must be “0”. Figure 6 illustrates this sequence.
While the write is in progress following a status
register or E2PROM write sequence, the status
register may be read to check the WIP bit. During this
time the WIP bit will be HIGH.


Similar Part No. - X25138P-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25138P-V

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com