Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4836 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4836
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4836 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4836 Datasheet HTML 1Page - National Semiconductor (TI) LM4836 Datasheet HTML 2Page - National Semiconductor (TI) LM4836 Datasheet HTML 3Page - National Semiconductor (TI) LM4836 Datasheet HTML 4Page - National Semiconductor (TI) LM4836 Datasheet HTML 5Page - National Semiconductor (TI) LM4836 Datasheet HTML 6Page - National Semiconductor (TI) LM4836 Datasheet HTML 7Page - National Semiconductor (TI) LM4836 Datasheet HTML 8Page - National Semiconductor (TI) LM4836 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
-65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation
Internally limited
ESD Susceptibility (Note 12)
2500V
ESD Susceptibility (Note 13)
250V
Junction Temperature
150˚C
Soldering Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering
surface mount devices.
θ
JC (typ) — MTC28
20˚C/W
θ
JA (typ) — MTC28
80˚C/W
θ
JC (typ) — MXA28A
2˚C/W
θ
JA (typ) — MXA28A (Note 4)
41˚C/W
θ
JA (typ) — MXA28A (Note 3)
54˚C/W
θ
JA (typ) — MXA28A (Note 5)
59˚C/W
θ
JA (typ) — MXA28A (Note 6)
93˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤TMAX
−40˚C
≤TA ≤ 85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Electrical Characteristics for Entire IC
(Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4836
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A
15
30
mA (max)
I
SD
Shutdown Current
V
pin 24 =VDD
0.2
2.0
µA (max)
V
IH
Headphone Sense High Input Voltage
4
V (min)
V
IL
Headphone Sense Low Input Voltage
0.8
V (max)
Electrical Characteristics for Volume Attenuators
(Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4836
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
C
RANGE
Attenuator Range
Gain with V
pin 5 ≥ 4.5V
0
±0.5
dB (max)
0
−1.0
dB (min)
C
RANGE
Attenuator Range
Attenuation with V
pin 5 = 0V
-73
-70
dB (min)
A
M
Mute Attenuation
V
pin 3 = 5V, Bridged Mode
-88
-80
dB (min)
V
pin 3 = 5V, Single-Ended Mode
-80
-70
dB (min)
Electrical Characteristics for Single-Ended Mode Operation
(Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4836
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
P
O
Output Power
THD+N = 1.0%; f = 1kHz;
R
L =32Ω
85
mW
THD+N = 10%;f=1 kHz; R
L =
32
95
mW
www.national.com
2


Similar Part No. - LM4836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4836 TI-LM4836 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836LQ/NOPB TI-LM4836LQ/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836MTEX/NOPB TI-LM4836MTEX/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
More results

Similar Description - LM4836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com