Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4835MT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4835MT
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4835MT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4835MT Datasheet HTML 1Page - National Semiconductor (TI) LM4835MT Datasheet HTML 2Page - National Semiconductor (TI) LM4835MT Datasheet HTML 3Page - National Semiconductor (TI) LM4835MT Datasheet HTML 4Page - National Semiconductor (TI) LM4835MT Datasheet HTML 5Page - National Semiconductor (TI) LM4835MT Datasheet HTML 6Page - National Semiconductor (TI) LM4835MT Datasheet HTML 7Page - National Semiconductor (TI) LM4835MT Datasheet HTML 8Page - National Semiconductor (TI) LM4835MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Typical Application
Truth Table for Logic Inputs (Note 16)
Mute
Mode
HP Sense
DC Vol. Control
Bridged Output
Single-Ended Output
0
0
0
Fixed Level
Vol. Fixed
_
0
0
1
Fixed Level
Muted
Vol. Fixed
0
1
0
Adjustable
Vol. Changes
_
0
1
1
Adjustable
Muted
Vol. Changes
1
X
X
_
Muted
Muted
Note 16: If system beep is detected on the Beep In pin (pin 11), the system beep will be passed through the bridged amplifier regardless of the logic of the Mute
and HP sense pins.
DS100139-3
FIGURE 2. Typical Application Circuit
www.national.com
4


Similar Part No. - LM4835MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4835MTX/NOPB TI1-LM4835MTX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
More results

Similar Description - LM4835MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com