Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39L020Q-90B Datasheet(PDF) 7 Page - Winbond

Part # W39L020Q-90B
Description  128K X 8 CMOS FLASH MEMORY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020Q-90B Datasheet(HTML) 7 Page - Winbond

Back Button W39L020Q-90B Datasheet HTML 3Page - Winbond W39L020Q-90B Datasheet HTML 4Page - Winbond W39L020Q-90B Datasheet HTML 5Page - Winbond W39L020Q-90B Datasheet HTML 6Page - Winbond W39L020Q-90B Datasheet HTML 7Page - Winbond W39L020Q-90B Datasheet HTML 8Page - Winbond W39L020Q-90B Datasheet HTML 9Page - Winbond W39L020Q-90B Datasheet HTML 10Page - Winbond W39L020Q-90B Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
W29EE012
Publication Release Date: March 26, 2002
- 7 -
Revision A3
Command Codes for Software Chip Erase
BYTE SEQUENCE
ADDRESS
DATA
0 Write
5555H
AAH
1 Write
2AAAH
55H
2 Write
5555H
80H
3 Write
5555H
AAH
4 Write
2AAAH
55H
5 Write
5555H
10H
Sofware Chip Erase Acquisition Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 10
to
address 5555
Notes for software chip erase:
Data Format: DQ7
− DQ0 (Hex)
Address Format: A14
− A0 (Hex)


Similar Part No. - W39L020Q-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020Q-90B WINBOND-W39L020Q-90B Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020Q-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com