Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27L02Q-90 Datasheet(PDF) 7 Page - Winbond

Part # W27L02Q-90
Description  256K X 8 ELECTRIC ALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27L02Q-90 Datasheet(HTML) 7 Page - Winbond

Back Button W27L02Q-90 Datasheet HTML 3Page - Winbond W27L02Q-90 Datasheet HTML 4Page - Winbond W27L02Q-90 Datasheet HTML 5Page - Winbond W27L02Q-90 Datasheet HTML 6Page - Winbond W27L02Q-90 Datasheet HTML 7Page - Winbond W27L02Q-90 Datasheet HTML 8Page - Winbond W27L02Q-90 Datasheet HTML 9Page - Winbond W27L02Q-90 Datasheet HTML 10Page - Winbond W27L02Q-90 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
W27L02
Publication Release Date: February 20, 2003
- 7 -
Revision A3
Electrical Chericteristics, continued
Read Operation AC Characteristics
(VDD = 3.3V
±10%, TA = 0 to 70° C)
W27L02-70
W27L02-90
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Read Cycle Time
TRC
70
-
90
-
nS
Chip Enable Access Time
TCE
-
70
-
90
nS
Address Access Time
TACC
-
70
-
90
nS
Output Enable Access Time
TOE
-
30
-
40
nS
#OE High to High-Z Output
TDF
-
25
-
25
nS
Output Hold from Address Change
TOH
0
-
0
-
nS
Note: VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.
AC Programming/Erase Characteristics
(VDD = 3.3V
±10%, TA = 25° C )
LIMITS
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
VPP Setup Time
TVPS
2.0
-
-
µS
Address Setup Time
TAS
2.0
-
-
µS
Data Setup Time
TDS
2.0
-
-
µS
#PGM Program Pulse Width
TPWP
95
100
105
µS
#PGM Erase Pulse Width
TPWE
95
100
105
mS
Data Hold Time
TDH
2.0
-
-
µS
#OE Setup Time
TOES
2.0
-
-
µS
Data Valid from #OE
TOEV
-
-
150
nS
#OE High to Output High Z
TDFP
0
-
130
nS
Address Hold Time after #PGM High
TAH
0
-
-
µS
Address Hold Time (Erase)
TAHE
2.0
-
-
µS
#CE Setup Time
TCES
2.0
-
-
µS
Note: VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27L02Q-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27L02Q-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com