Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4834 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) LM4834 Datasheet HTML 10Page - National Semiconductor (TI) LM4834 Datasheet HTML 11Page - National Semiconductor (TI) LM4834 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Information (Continued)
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD.) This
charge comes from the output through the feedback and is
apt to create pops once the device is enabled. By minimizing
the capacitor size based on necessary low frequency re-
sponse, turn-on pops can be minimized.
CLICK AND POP CIRCUITRY
The LM4834 contains circuitry to minimize turn-on transients
or “click and pops”. In this case, turn-on refers to either
power supply turn-on or the device coming out of shutdown
mode. When the device is turning on, the amplifiers are inter-
nally configured as unity gain buffers. An internal current
source ramps up the voltage of the bypass pin. Both the in-
puts and outputs ideally track the voltage at the bypass pin.
The device will remain in buffer mode until the bypass pin
has reached its half supply voltage, 1/2 V
DD. As soon as the
bypass node is stable, the device will become fully opera-
tional.
Although the bypass pin current source cannot be modified,
the size of the bypass capacitor, C
B, can be changed to alter
the device turn-on time and the amount of “click and pop”. By
increasing C
B, the amount of turn-on pop can be reduced.
However, the trade-off for using a larger bypass capacitor is
an increase in the turn-on time for the device. Reducing C
B
will decrease turn-on time and increase “click and pop”.
There is a linear relationship between the size of C
B and the
turn-on time. Here are some typical turn-on times for differ-
ent values of C
B:
C
B
T
ON
0.01 µF
20 ms
0.1 µF
200 ms
0.22 µF
420 ms
0.47 µF
840 ms
1.0 µF
2 sec
In order to eliminate “click and pop”, all capacitors must be
discharged before turn-on. Rapid on/off switching of the de-
vice or shutdown function may cause the “click and pop” cir-
cuitry to not operate fully, resulting in increased “click and
pop” noise.
In systems where the line out and headphone jack are the
same, the output coupling cap, C
O, is of particular concern.
C
Ois chosen for a desired cutoff frequency with a headphone
load. This desired cutoff frequency will change when the
headphone load is replaced by a high impedance line out
load(powered speakers). The input impedance of head-
phones are typically between 32
Ω and 64Ω. Whereas, the
input impedance of powered speakers can vary from 1k
top 100k
Ω. As the RC time constant of the load and the out-
put coupling capacitor increases, the turn off transients are
increased.
To improve click and pop performance in this situation, exter-
nal resistors R6 and R7 should be added. The recom-
mended value for R6 is between 150
Ω to 1kΩ. The recom-
mended value for R7 is between 100
Ω to 500Ω. To achieve
virtually clickless and popless performance R6 = 150
Ω,R7=
100
Ω,C
O = 220µF, and CB = 0.47µF should be used. Lower
values of R6 will result in better click and pop performance.
However, it should be understood that lower resistance val-
ues of R6 will increase quiescent current.
LOW FREQUENCY ENHANCEMENT
In some cases a designer may want to improve the low fre-
quency response of the bridged amplifier. This low frequency
boost can be useful in systems where speakers are housed
in small enclosures. A resistor, R
LFE, and a capacitor, CLFE,
in parallel, can be placed in series with the feedback resistor
of the bridged amplifier as seen in
Figure 5.
At low frequencies the capacitor will be virtually an open cir-
cuit. At high frequencies the capacitor will be virtually a short
circuit. As a result of this, the gain of the bridge amplifier is
increased at low frequencies. A first order pole is formed with
a corner frequency at:
f
c = 1/(2πRLFECLFE)
The resulting low frequency differential gain of this bridged
amplifier becomes:
2(R
f +RLFE)/Ri =Avd
With R
F = 20kΩ,RLFE = 20kΩ, and CLFE = 0.068 µF, a first
order pole is formed with a corner frequency of 120 Hz. At
low frequencies the differential gain will be 4, assuming R
S =
20k. The low frequency boost formulas assume that C
O,Ci,
f
IC,fOC allow the appropriate low frequency response.
DS100015-33
FIGURE 4. Resistors for Varying Output Loads
DS100015-32
FIGURE 5. Low Frequency Enhancement
11
www.national.com


Similar Part No. - LM4834

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
   Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1013B PHILIPS-TDA1013B Datasheet
111Kb / 11P
   4 W audio power amplifier with DC volume control
July 1994
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Texas Instruments
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
   Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com