Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB60048S12 Datasheet(PDF) 3 Page - XP Power Limited

Part # QSB60048S12
Description  600-700 W Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB60048S12 Datasheet(HTML) 3 Page - XP Power Limited

  QSB60048S12 Datasheet HTML 1Page - XP Power Limited QSB60048S12 Datasheet HTML 2Page - XP Power Limited QSB60048S12 Datasheet HTML 3Page - XP Power Limited QSB60048S12 Datasheet HTML 4Page - XP Power Limited QSB60048S12 Datasheet HTML 5Page - XP Power Limited QSB60048S12 Datasheet HTML 6Page - XP Power Limited QSB60048S12 Datasheet HTML 7Page - XP Power Limited QSB60048S12 Datasheet HTML 8Page - XP Power Limited QSB60048S12 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
91
%
See models table and performance graphs
Isolation Voltage
1500
VDC
Input to output
1500
Input to case
1500
Output to case
Isolation Resistance
107
Ω
Isolation Capacitance
4000
pF
Switching Frequency
250
kHz
24 VDC input
350
kHz
48 VDC input
MTBF
381
kHrs
MIL-HDBK-217F at 25 ˚C, GB
DC OK Signal
DC OK TTL low, not OK TTL high, connect IOC pin to Aux pin through a resistor
Rth Case - Ambient
7.12
˚C/W
Power Density
108.7
W/in3
Electromagnetic Compatibility
EMC
Standard
Test Level
Criteria
Notes & Conditions
Conducted Emissions
EN55022
Class A
With external components, see
EMC section
Safety Approvals
Standard
Category
CE
LVD
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
100
˚C
Baseplate temperature.
Storage Temperature
-55
105
˚C
Humidity
95
%
Relative humidity,
MIL-STD-810F Method 507.4
Cooling
Conduction cooling through baseplate.
3
xppower.com


Similar Part No. - QSB60048S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
   Industry Standard Packages
logo
Qualtek Electronics Cor...
QSB-119-01 QUALTEK-QSB-119-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-40-01 QUALTEK-QSB-40-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-60-01 QUALTEK-QSB-60-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-80-01 QUALTEK-QSB-80-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
More results

Similar Description - QSB60048S12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFF500 EMERSON-NETWORKPOWER-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
NEC
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com