Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000932-001SMB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000932-001SMB
Description  Exceptional Broadband Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000932-001SMB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-000932-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000932-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HMICTM PIN Diode SPDT 80 Watt Switch for
0.01 - 4.0 GHz Higher Power Applications
Rev. V1
MASW-000932
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Power
80
100
120
140
160
180
20
25
30
35
40
45
50
Input Power (dBm)
Typical Performance Curves8: 85°C base plate temperature, 2000 MHz
8. Maximum Junction Temperature for this device is 175°C.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon
Integrated
Circuits
are
sensitive
to
electrostatic discharge (ESD) and can
be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 2 devices.
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Lead Free 4 mm 16-Lead PQFN


Similar Part No. - MASW-000932-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000932-001SMB MA-COM-MASW-000932-001SMB Datasheet
618Kb / 7P
   Exceptional Broadband Performance
More results

Similar Description - MASW-000932-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
   Exceptional Phase Noise Performance
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
   Exceptional Phase Noise Performance
DCSR4143-8 SYNERGY-DCSR4143-8 Datasheet
372Kb / 3P
   Exceptional Phase Noise Performance
logo
Marki Microwave
C16-1R726 MARKIMICROWAVE-C16-1R726 Datasheet
411Kb / 2P
   Broadband Performance
C09-0R418 MARKIMICROWAVE-C09-0R418 Datasheet
215Kb / 3P
   Ultra Broadband Performance
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000_15 Datasheet
514Kb / 5P
   Very Broadband Performance
logo
Marki Microwave
C16-0667 MARKIMICROWAVE-C16-0667 Datasheet
224Kb / 3P
   Ultra Broadband Performance
C09-0R412 MARKIMICROWAVE-C09-0R412 Datasheet
216Kb / 3P
   Ultra Broadband Performance
C09-0R426 MARKIMICROWAVE-C09-0R426 Datasheet
227Kb / 3P
   Ultra Broadband Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com