Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHP650PS36-TF Datasheet(PDF) 3 Page - XP Power Limited

Part # MHP650PS36-TF
Description  Medical Safety Approvals
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MHP650PS36-TF Datasheet(HTML) 3 Page - XP Power Limited

  MHP650PS36-TF Datasheet HTML 1Page - XP Power Limited MHP650PS36-TF Datasheet HTML 2Page - XP Power Limited MHP650PS36-TF Datasheet HTML 3Page - XP Power Limited MHP650PS36-TF Datasheet HTML 4Page - XP Power Limited MHP650PS36-TF Datasheet HTML 5Page - XP Power Limited MHP650PS36-TF Datasheet HTML 6Page - XP Power Limited MHP650PS36-TF Datasheet HTML 7Page - XP Power Limited MHP650PS36-TF Datasheet HTML 8Page - XP Power Limited MHP650PS36-TF Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
xppower.com
3
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1 (V1) , ±5 (V3)
%
50% load, 115/230 VAC
Output Voltage Adjustment
±10
%
V1 only. See mechanical details.
Minimum Load
0
A
Start Up Delay
0.5
s
230 VAC full load
Hold Up Time
20
ms
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1 (V1) , ±5 (V3)
%
0-100% load.
Transient Response - V1
4
%
Recovery within 1% in less than 500 μs
for a 50-75% and 75-50% load step
Ripple & Noise
1
% pk-pk
V1: 20 MHz bandwidth
Overvoltage Protection
115
140
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
110
145
% I nom
Output 1 only, auto reset. See fig 2.
Short Circuit Protection
Auto Recovery, hiccup mode
Temperature Coefficient
0.02
%/˚C
Overtemperature Protection
°C
Protects unit from overtemperature. Auto reset.
Output Overload Characteristic
Figure 2
Typical V1 Overload Characteristic (MHP650PS12 shown)
Unit enters
hiccup mode


Similar Part No. - MHP650PS36-TF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MHP650PS36-EF XPPOWER-MHP650PS36-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
More results

Similar Description - MHP650PS36-TF

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
   Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com