Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHP650PS36-EF Datasheet(PDF) 1 Page - XP Power Limited

Part # MHP650PS36-EF
Description  Medical Safety Approvals
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MHP650PS36-EF Datasheet(HTML) 1 Page - XP Power Limited

  MHP650PS36-EF Datasheet HTML 1Page - XP Power Limited MHP650PS36-EF Datasheet HTML 2Page - XP Power Limited MHP650PS36-EF Datasheet HTML 3Page - XP Power Limited MHP650PS36-EF Datasheet HTML 4Page - XP Power Limited MHP650PS36-EF Datasheet HTML 5Page - XP Power Limited MHP650PS36-EF Datasheet HTML 6Page - XP Power Limited MHP650PS36-EF Datasheet HTML 7Page - XP Power Limited MHP650PS36-EF Datasheet HTML 8Page - XP Power Limited MHP650PS36-EF Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MHP650 Series
Medical Safety Approvals
End Fan, Top Fan & ‘U’Channel Mechanical Options
-20 ºC to +70 ºC Operation
5 V Standby
AC OK, Remote On/Off and Active Current Share
Load Dependant Variable Fan Speed
Screw Terminals
3 Year Warranty
The MHP650 AC-DC power supply provides upto 650 W of output power in three mechanical packages to provide installation
flexibility in a range of medical applications.
The unit comprises of a main output with voltages from 12-48 VDC and two peripheral outputs providing a 12 VDC fan supply and a
5 VDC standby supply which can be utilitsed with the signals and control features of the unit to provide detection of loss of AC input
and remote on/off control.
Multiple units can used in parallel via the current share facility, providing higher power solutions. Inherently low earth leakage current,
and conducted EMC compliance to Class B also simplify higher power system design.
Packaged in a compact 8” (203 mm) x 4” (102 mm) x 2.6” (65 mm) and carrying IEC60601 family safety approvals, the MHP650 has
a load dependant variable speed fan, is fully protected with overtemperature shutdown and provides full power from -20 ºC to 50 ºC
and 50% power at +70 ºC.


Similar Part No. - MHP650PS36-EF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MHP650PS36-EF XPPOWER-MHP650PS36-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
More results

Similar Description - MHP650PS36-EF

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
   Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com