Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2925T Datasheet(PDF) 7 Page - NEC

Part # UPC2925T
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2925T Datasheet(HTML) 7 Page - NEC

Back Button UPC2925T Datasheet HTML 3Page - NEC UPC2925T Datasheet HTML 4Page - NEC UPC2925T Datasheet HTML 5Page - NEC UPC2925T Datasheet HTML 6Page - NEC UPC2925T Datasheet HTML 7Page - NEC UPC2925T Datasheet HTML 8Page - NEC UPC2925T Datasheet HTML 9Page - NEC UPC2925T Datasheet HTML 10Page - NEC UPC2925T Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet G14983EJ3V0DS
7
µµµµPC2918, 2925, 2926
1
0.8
0.6
0.4
0.2
0
–25
125
0
150
75
100
50
25
IO = 1 A
VDIF vs. TJ
TJ - Operating Junction Temperature -
°C
2.5
2
1.5
1
0.5
0
TJ = 0˚C
TJ = 125˚C
TJ = 25˚C
0
510
15
20
IOpeak vs. VDIF (
µPC2918)
VDIF - Dropout Voltage - V
2.5
2
1.5
1
0.5
0
TJ = 0˚C
TJ = 125˚C
TJ = 25˚C
0
510
15
20
IOpeak vs. VDIF (
µPC2925)
VDIF - Dropout Voltage - V
70
60
50
40
30
20
10
0
100
1000
10000
100000
10
TJ = 25˚C
IO = 1 A
µPC2918
µPC2925
R R vs. f
.
.
f - Frequency - Hz
80
70
30
0.2
0.4
0.6
1
0.8
0
60
50
40
µPC2918
µPC2925
IO - Output Current - A
.
R R vs. IO
.
TJ = 25˚C, f = 120 Hz
2.8 V < VIN < 9 V (
µPC2918)
3.5 V < VIN < 9 V (
µPC2925)
1
0
0.2
0.4
0.6
1
0.8
0.6
0.4
0.2
0
0.8
TJ = 25˚C
VDIF vs. IO
IO - Output Current - A


Similar Part No. - UPC2925T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2925BHB RENESAS-UPC2925BHB Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BHF RENESAS-UPC2925BHF Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BT RENESAS-UPC2925BT Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BT1D RENESAS-UPC2925BT1D Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2925T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com