Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFA420PS12 Datasheet(PDF) 8 Page - XP Power Limited

Part # MFA420PS12
Description  Screw Terminals Available
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MFA420PS12 Datasheet(HTML) 8 Page - XP Power Limited

Back Button MFA420PS12 Datasheet HTML 4Page - XP Power Limited MFA420PS12 Datasheet HTML 5Page - XP Power Limited MFA420PS12 Datasheet HTML 6Page - XP Power Limited MFA420PS12 Datasheet HTML 7Page - XP Power Limited MFA420PS12 Datasheet HTML 8Page - XP Power Limited MFA420PS12 Datasheet HTML 9Page - XP Power Limited MFA420PS12 Datasheet HTML 10Page - XP Power Limited MFA420PS12 Datasheet HTML 11Page - XP Power Limited MFA420PS12 Datasheet HTML 12Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
xppower.com
Xxxxxxxxxx
8
Signals
Parallel Load & Current Share Connections
-
+
-
+
-
+
-
+
V1 Output
V1 Output
V1 Output
- Sense
+ Sense
Current Share
Current Share
PSU 1
PSU 2
PSU 3
Load
Parallel Remote On/Off (Inhibit) Connection
Parallel AC OK Connection (DC OK follows same format)
Figure 13
Figure 14
Figure 15
PSU 1
PSU 2
PSU 3
Pin 2
Pin 7
Pin 2
Pin 7
Pin 2
Pin 7
J3 LOGIC CONNECTORS
Jumper (JP1) fitted
Open or TTL high = PSU On
Short circuit or TTL Low = PSU Off
Jumper (JP1) removed
Open or TTL high = PSU Off
Short circuit or TTL Low = PSU On
AC OK Collector
Pin 1
AC OK Emitter
Pin 7
POWER SUPPLY 1
J3 Logic Connector
330R
5 V Standby
Return Pin 10
5 V Standby
Pin 9
OK Collector
Pin 1
OK Emitter
Pin 7
POWER SUPPLY 2
J3 Logic Connector
AC OK Emitter
Pin 7
POWER SUPPLY 3
J3 Logic Connector
Transistor On (<0.8 V): AC NOT OK
Transistor Off (>4.5 V): AC OK
AC OK Collector
Pin 1


Similar Part No. - MFA420PS12

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MFA1A00-C001-C ATGBICS-MFA1A00-C001-C Datasheet
647Kb / 10P
   MFA1A00-C001 NVIDIA Mellanox Compatible Active Optical Cable 100G QSFP28 (1m)
MFA1A00-C002-C ATGBICS-MFA1A00-C002-C Datasheet
647Kb / 10P
   MFA1A00-C002 NVIDIA Mellanox Compatible Active Optical Cable 100G QSFP28 (2m)
MFA1A00-C003-C ATGBICS-MFA1A00-C003-C Datasheet
636Kb / 10P
   MFA1A00-C003 NVIDIA Mellanox Compatible Active Optical Cable 100G QSFP28 (3m)
MFA1A00-C005-C ATGBICS-MFA1A00-C005-C Datasheet
647Kb / 10P
   MFA1A00-C005 NVIDIA Mellanox Compatible Active Optical Cable 100G QSFP28 (5m)
MFA1A00-C007-C ATGBICS-MFA1A00-C007-C Datasheet
647Kb / 10P
   MFA1A00-C007 NVIDIA Mellanox Compatible Active Optical Cable 100G QSFP28 (7m)
More results

Similar Description - MFA420PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com