Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


L Datasheet(PDF) 1 Page - MTRONPTI

Part No. L
Description  Box Style Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MTRONPTI [MTRONPTI]
Homepage  http://www.mtronpti.com
Logo 

   
 1 page
background image
L Series
Box Style Bandpass Filter
PC mountable or connector. Competitive form fit with broad
range and complexity.
Standard Parameters
Special Parameters
Comments
Frequency Range
60 to 1500 MHz
5 to 3500 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 5 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
5
10
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Dimensions
See chart below
See chart below
Mounting Options
PC Mount
Connectorized; Axial Mount
Gross and Fine Leak do not apply to
connectorized parts.
SMA Female or Male
Overview
http://www.mtronpti.com/products/Filter/Bandpass/l-series-box-style-bandpass




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl