Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS45US05 Datasheet(PDF) 8 Page - XP Power Limited

Part # ECS45US05
Description  IT & Medical Safety Approvals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS45US05 Datasheet(HTML) 8 Page - XP Power Limited

Back Button ECS45US05 Datasheet HTML 3Page - XP Power Limited ECS45US05 Datasheet HTML 4Page - XP Power Limited ECS45US05 Datasheet HTML 5Page - XP Power Limited ECS45US05 Datasheet HTML 6Page - XP Power Limited ECS45US05 Datasheet HTML 7Page - XP Power Limited ECS45US05 Datasheet HTML 8Page - XP Power Limited ECS45US05 Datasheet HTML 9Page - XP Power Limited ECS45US05 Datasheet HTML 10Page - XP Power Limited ECS45US05 Datasheet HTML 11Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Mechanical Details - ECS25
xppower.com
8
Electromagnetic Compatibility - Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class B
ECS25
Class A
ECS45/ECS60
Voltage Fluctuations
EN61000-3-3
Safety Agency Approvals
Safety Agency
Safety Standard
Category
CB Report
IEC60950-1:2005 Ed 2
Information Technology
UL
UL60950-1 (2007), CSA 22.2 No.60950-1-07 Ed 2
Information Technology
TUV
EN60950-1:2006
Information Technology
CE
LVD
Safety Agency
Safety Standard
Category
CB Report
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN60601-1/A12:2006
Medical
Equipment Protection Class
Safety Standard
Notes & Conditions
Class I & Class II
IEC60950-1:2005 Ed 2 & IEC60601-1 Ed 2
See safety agency conditions of acceptibility
for details
.95 [24.2]
.14 [3.6]
SMD HEIGHT
2.75 [69.8]
1.75 [44.4]
4X Ø.156 [3.96] MOUNTING HOLES
Ø.312 [7.92] CLEARANCE TOP AND BOTTOM
1
.25 FASTON
GROUND TAB
1.65 [41.8]
1.31 [33.3]
3.00 [76.2]
2.00 [50.8]
.27 [7.0]
2
J1
J2
1
2
3
4
.20 [5.1]
T1
C5
C18
Q1
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight 0.22 lbs (100 g)
J1 mates with Molex Housing PN
09-50-1031, J2 mates with Molex
Housing PN 09-50-1041 and both with
Molex Series 5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Input Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)


Similar Part No. - ECS45US05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS45US05 XPPOWER-ECS45US05 Datasheet
405Kb / 4P
   2560 Watts ECS Series
ECS45US05 XPPOWER-ECS45US05 Datasheet
1,016Kb / 4P
   25-60 Watts ECS Series
More results

Similar Description - ECS45US05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com