Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECM140US28 Datasheet(PDF) 11 Page - XP Power Limited

Part # ECM140US28
Description  High Efficiency Resonant Topology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US28 Datasheet(HTML) 11 Page - XP Power Limited

Back Button ECM140US28 Datasheet HTML 7Page - XP Power Limited ECM140US28 Datasheet HTML 8Page - XP Power Limited ECM140US28 Datasheet HTML 9Page - XP Power Limited ECM140US28 Datasheet HTML 10Page - XP Power Limited ECM140US28 Datasheet HTML 11Page - XP Power Limited ECM140US28 Datasheet HTML 12Page - XP Power Limited ECM140US28 Datasheet HTML 13Page - XP Power Limited ECM140US28 Datasheet HTML 14Page - XP Power Limited ECM140US28 Datasheet HTML 15Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
xppower.com
Xxxxxxxxxx
11
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+70
şC
Derate linearly from +50 şC at 2.5%/şC
to 50% at 70 şC when convection-cooled &
from +60 şC at 2.5%/şC to 75% at 70 şC
when force-cooled. (See fig.21 & Thermal
Considerations.
Storage Temperature
-40
+85
şC
Cooling
10
CFM
>120 W output power.
See fig.21 & Thermal Considerations
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
3 x 30 g/11 ms shocks in both +ve & -ve
directions along the 3 orthogonal axis,
total 18 shocks.
Vibration
Triple axis 5-500 Hz at 2 g x 10 sweeps
Electromagnetic Compatibility - Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-2
Class A
Radiated
EN61000-4-3
3
A
EFT
EN61000-4-4
3
A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3
A
Dips and Interruptions
EN61000-4-11
Dip:
30% 10 ms
A
Dip:
60% 100 ms
B
Int.: 100% 5000 ms
B
EN60601-1-2
(EN61000-4-11)
Dip:
30% 500 ms
A
Dip:
60% 100 ms
A
Load derating with 115 VAC input (typically
50% derate dependant on model & load)
Dip:
100% 10 ms
A
Int.: >95% 5000 ms
B
111
96
60
42
120
148
0
+50
+40
+60
+70
Ambient Temperature (ºC)
Convection-cooled with cover
Convection-cooled
Force-cooled >10 CFM
Figure 21
Derating Curve


Similar Part No. - ECM140US28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM140US24 XPPOWER-ECM140US24 Datasheet
149Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - ECM140US28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
YEV09T10 BEL-YEV09T10 Datasheet
640Kb / 11P
   High efficiency synchronous buck topology
logo
Allegro MicroSystems
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 SANKEN-STR-W6735 Datasheet
226Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com