Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2925 Datasheet(PDF) 5 Page - NEC

Part # UPC2925
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2925 Datasheet(HTML) 5 Page - NEC

  UPC2925 Datasheet HTML 1Page - NEC UPC2925 Datasheet HTML 2Page - NEC UPC2925 Datasheet HTML 3Page - NEC UPC2925 Datasheet HTML 4Page - NEC UPC2925 Datasheet HTML 5Page - NEC UPC2925 Datasheet HTML 6Page - NEC UPC2925 Datasheet HTML 7Page - NEC UPC2925 Datasheet HTML 8Page - NEC UPC2925 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet G14983EJ3V0DS
5
µµµµPC2918, 2925, 2926
µµµµPC2925 (TJ = 25°°°°C, VIN = 3.5 V, IO = 0.5 A, CIN = 0.1 µµµµF, COUT = 10 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.45
2.5
2.55
V
Output Voltage
VO
3.5 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(2.375)
(2.575)
V
Line Regulation
REGIN
3.5 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS (s)
VIN = 3.0 V, IO = 1 A
80
mA
Quiescent Current Change
∆IBIAS
3.5 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 3.5 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C0.7
V
VIN = 3.5 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 3.5 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
∆VO /∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.5
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.
µµµµPC2926 (TJ = 25°°°°C, VIN = 3.6 V, IO = 0.5 A, CIN = 0.1 µµµµF, COUT = 10 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.548
2.6
2.652
V
Output Voltage
VO
3.6 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(2.470)
(2.678)
V
Line Regulation
REGIN
3.6 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS (s)
VIN = 3.0 V, IO = 1 A
80
mA
Quiescent Current Change
∆IBIAS
3.6 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 3.6 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C0.7
V
VIN = 3.6 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 3. 6 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
∆VO /∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.5
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.
#


Similar Part No. - UPC2925

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2925BHB RENESAS-UPC2925BHB Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BHF RENESAS-UPC2925BHF Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BT RENESAS-UPC2925BT Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2925BT1D RENESAS-UPC2925BT1D Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2925

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com