Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB227G-XX-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB227G-XX-AG6-R
Description  Delay Times are Generated by an Internal Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB227G-XX-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB227G-XX-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB227G-XX-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB227
Advance
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R128-001.a
1-CELL LITHIUM-ION/POLYMER
BATTERY PROTECTION IC
DESCRIPTION
The UTC UB227 is a series of lithium-ion/lithium-polymer
rechargeable battery protection ICs incorporating high accuracy
voltage detection circuits and delay circuits.
The UTC UB227 is suitable for protection of single cell lithium-ion /
lithium polymer battery packs from overcharge, over discharge and
over current.
The ultra-small package and less required external components
make it ideal to integrate the UTC UB227 into the limited space of
battery pack.
SOT-26
4
5
3
2
1
6
FEATURES
* Wide Supply Voltage Range: VDD=1.5V~8.0V
* Ultra-Low Quiescent Current: IOPE=3.0μA (VDD=3.9V)
* Ultra-Low Power-Down Current: IPDN=0.1μA (VDD=2.0V)
* Overcharge Detection Voltage: VCU=3.9V~4.4V
* Overcharge Release Voltage: VCL=3.8V~4.4V
* Over Discharge Release Voltage: VDL=2.0V~3.0V
* Over Discharge Release Voltage: VDU=2.0V~3.4V
* Discharge Over Current Detection Voltage: VDIOV=0.05V~0.30V
* Discharge Short Circuit Detection Voltage: VSHORT=0.85V (Fixed)
* Charge Over Current Voltage: VCIOV=-0.115V (Fixed)
* Charger Detection Voltage: VCHA=-0.7V (Fixed)
* Delay Times are Generated by an Internal Circuit. (External Capacitors are Unnecessary.)
ORDERING INFORMATION
Ordering Number
Package
Packing
UB227G-xx-AG6-R
SOT-26
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UB227G-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225KKG015C-1JB NKK-UB225KKG015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB225KKG015C-1JB NKK-UB225KKG015C-1JB Datasheet
410Kb / 12P
   General Specifications
UB225KKG015C-1JC NKK-UB225KKG015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB225KKG015C-1JC NKK-UB225KKG015C-1JC Datasheet
410Kb / 12P
   General Specifications
UB225KKG015C-1JD NKK-UB225KKG015C-1JD Datasheet
410Kb / 12P
   General Specifications
More results

Similar Description - UB227G-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771800 TI1-BQ771800_16 Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
   Internal Fiber Delay Line System
logo
DinTek Semiconductor Co...
DTGN40N60 DINTEK-DTGN40N60 Datasheet
1Mb / 10P
   Short Circuit Withstand Times ⋎10us
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
   Internal Fiber Delay Line System
logo
ITT Industries
MS3102R16-10P ITT-MS3102R16-10P Datasheet
205Kb / 1P
   Due to an automatic nomenclature system, numbers generated may not be sequential
MS3102E20-27S ITT-MS3102E20-27S Datasheet
213Kb / 1P
   Due to an automatic nomenclature system, numbers generated may not be sequential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com