Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECM40US12 Datasheet(PDF) 11 Page - XP Power Limited

Part # ECM40US12
Description  Full Load Available Convection Cooled
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US12 Datasheet(HTML) 11 Page - XP Power Limited

Back Button ECM40US12 Datasheet HTML 7Page - XP Power Limited ECM40US12 Datasheet HTML 8Page - XP Power Limited ECM40US12 Datasheet HTML 9Page - XP Power Limited ECM40US12 Datasheet HTML 10Page - XP Power Limited ECM40US12 Datasheet HTML 11Page - XP Power Limited ECM40US12 Datasheet HTML 12Page - XP Power Limited ECM40US12 Datasheet HTML 13Page - XP Power Limited ECM40US12 Datasheet HTML 14Page - XP Power Limited ECM40US12 Datasheet HTML 15Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
xppower.com
Mechanical Details - Single Output Models (3 x 5)
Thermal Considerations
Weight: approx. 0.4 lb (180 g)
Output Connector J2
Pin
Single
1
+V1
2
+V1
3
RTN
4
RTN
5
N.C.
6
N.C.
Component
Maximum Temperature
L1
110 °C
T1
110 °C
CR2
120 °C
C4
95 °C
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cable harnesses with 300mm wire available.
For single output models, order part number ECM40/60S LOOM.
For multi-output models, order part number ECM40/60DT LOOM .
3. Mating connector kit available. Order part number ECM40/60 CONKIT.
4. Covers available. Order part number ECM40/60 COVER. Cover dimensions are 4.49 x 2.52 x 1.52 (114 x 64 x 38.5)
5. All accessories available from Farnell InOne.
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with Molex housing 43061-0003
and Molex series 5194 crimp terminals.
Ground (0.25 faston) tab standard.
To ensure correct and reliable operation of the PSU, the temperature of the components listed in the table below must not be exceeded. See
mechanical details for component locations.
J2 mates with Molex housing 43061-0006
& Molex series 5194 crimp terminals.
4 x ø0.156 (3.96) Mounting Holes
ø0.312 (7.92) Clearance Top & Bottom
0.25 (6.35) Faston Ground Tab, Optional
4.55 (115.57
5.00 (127.0)
2.55 (64.7)
3.00 (76.2)
0.14 (3.6), SMD Component Height
1.20 (30.5)
0.22 (5.71)
0.22 (5.71)


Similar Part No. - ECM40US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM40US12 XPPOWER-ECM40US12 Datasheet
175Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - ECM40US12

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
   110 W convection cooled, No minimum load required
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com