Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC241G-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC241G-S20-R
Description  Partial-Power-Down Mode Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC241G-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC241G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC241G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC241G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC241G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC241G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC241
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R126-030.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output in the high or low state
-0.5 ~ VCC +0.5
V
Output Voltage
VOUT
Output in the power-off state
-0.5 ~ +6.5
V
Continuous VCC or GND
Current
ICC
±100
mA
Continuous Output Current
IOUT
VOUT=0V ~ VCC
±50
mA
Input Clamp Current
IIK
VIN<0V
-50
mA
Output Clamp Current
IOK
VOUT>VCC or VOUT<0V
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
3.6
V
Supply Voltage
VCC
Data retention only
1.2
V
Input Voltage
VIN
0
5.5
V
High or low state
0
VCC
V
Output Voltage
VOUT
Power-off state
0
5.5
V
Operating Temperature
TA
-40
85
°C
VCC=1.65V ~ 2.7V
0
20
ns/V
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=2.7V ~ 3.6V
0
10
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
0.65×VCC
V
VCC=2.5V±0.2V
1.7
V
High-level Input Voltage
VIH
VCC=3.3V±0.3V
2
V
VCC=1.8V±0.15V
0.35×VCC
V
VCC=2.5V±0.2V
0.7
V
Low-level Input Voltage
VIL
VCC=3.3V±0.3V
0.8
V
VCC=1.65 ~ 3.6V, IOH=-100μA
VCC-0.2
V
VCC=1.65V, IOH=-4mA
1.2
V
VCC=2.3V, IOH=-8mA
1.7
V
VCC=2.7V, IOH=-12mA
2.2
V
IOH=-18mA
2.4
V
High-Level Output Voltage
VOH
VCC=3.0V
IOH=-24mA
2.2
V
VCC=1.65 ~ 3.6V, IOH=100μA
0.2
V
VCC=1.65V, IOH=4mA
0.45
V
VCC=2.3V, IOH=8mA
0.7
V
VCC=2.7V, IOH=12mA
0.4
V
Low-Level Output Voltage
VOL
VCC=3.0V, IOH=24mA
0.55
V


Similar Part No. - U74LVC241G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC240G-P20-R UTC-U74LVC240G-P20-R Datasheet
206Kb / 7P
   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-P20-T UTC-U74LVC240G-P20-T Datasheet
206Kb / 7P
   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-S20-R UTC-U74LVC240G-S20-R Datasheet
206Kb / 7P
   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240G-S20-T UTC-U74LVC240G-S20-T Datasheet
206Kb / 7P
   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC240 UTC-U74LVC240_15 Datasheet
206Kb / 7P
   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC241G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC09AG-S16-R UTC-U74LVC09AG-S16-R Datasheet
214Kb / 5P
   Partial-Power-Down Mode Operation
U74LVC258G-S16-R UTC-U74LVC258G-S16-R Datasheet
236Kb / 6P
   Partial-Power-Down Mode Operation
U74LVC257G-S16-R UTC-U74LVC257G-S16-R Datasheet
236Kb / 6P
   Partial-Power-Down Mode Operation
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
   Provision for Standby mode operation Partial Resonance Power Supply IC Module
MR4040 SHINDENGEN-MR4040 Datasheet
1Mb / 43P
   Partial Resonance Power Supply ICModule
logo
Winbond
W949D6KB WINBOND-W949D6KB Datasheet
1Mb / 60P
   Power Down Mode
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MPT4-02 AVAGO-ODIN-MPT4-02 Datasheet
184Kb / 7P
   Power down mode
logo
Alliance Semiconductor ...
AS4C64M32MD1 ALSC-AS4C64M32MD1 Datasheet
1Mb / 43P
   Power Down Mode
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
   Partial switching circuit
logo
Alliance Semiconductor ...
AS4C64M32MD2-25BCN ALSC-AS4C64M32MD2-25BCN Datasheet
2Mb / 129P
   Deep Power Down Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com