Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2918 Datasheet(PDF) 4 Page - NEC

Part # UPC2918
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2918 Datasheet(HTML) 4 Page - NEC

  UPC2918 Datasheet HTML 1Page - NEC UPC2918 Datasheet HTML 2Page - NEC UPC2918 Datasheet HTML 3Page - NEC UPC2918 Datasheet HTML 4Page - NEC UPC2918 Datasheet HTML 5Page - NEC UPC2918 Datasheet HTML 6Page - NEC UPC2918 Datasheet HTML 7Page - NEC UPC2918 Datasheet HTML 8Page - NEC UPC2918 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet G14983EJ3V0DS
4
µµµµPC2918, 2925, 2926
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Type Number
MIN.
TYP.
MAX.
Unit
µ PC2918
2.8
16
V
µ PC2925
3.5
16
V
Input Voltage
VIN
µ PC2926
3.6
16
V
Output Current
IO
All
0
1
A
Operating Ambient Temperature TA
All
− 30
+ 85
°C
Operating Junction Temperature TJ
All
− 30
+ 125
°C
Caution Use of conditions other than the above-listed recommended operating conditions is not a problem
as long as the absolute maximum ratings are not exceeded. However, since the use of such
conditions diminishes the margin of safety, careful evaluation is required before such conditions
are used. Moreover, using the MAX. value for all the recommended operating conditions is not
guaranteed to be safe.
ELECTRICAL CHARACTERISTICS
µµµµPC2918 (TJ = 25°°°°C, VIN = 2.8 V, IO = 0.5 A, CIN = 0.1 µµµµF, COUT = 10 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
1.764
1.8
1.836
V
Output Voltage
VO
2.8 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(1.71)
(1.854)
V
Line Regulation
REGIN
2.8 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS (s)
VIN = 2.4 V, IO = 1 A
80
mA
Quiescent Current Change
∆IBIAS
2.8 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 2.8 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C0.7
V
VIN = 2.8 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 2.8 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
∆VO /∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.
#


Similar Part No. - UPC2918

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2918BHB RENESAS-UPC2918BHB Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BHF RENESAS-UPC2918BHF Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT RENESAS-UPC2918BT Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT1D RENESAS-UPC2918BT1D Datasheet
452Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2918

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com