Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-010574-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-010574-001SMB
Description  20V to 250V Driver for High Power PIN Diode Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-010574-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADR-010574-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-010574-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
20V to 250V Driver for High Power PIN Diode Switches
Rev. V1
MADR-010574
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Electrical Specifications: TA = +25C, VCC = 3.3 V, VDD = 250 V, IBIAS = 6 μA
10
Parameter
Test Conditions
Unit
Min.
Typ.
Max.
Quiescent Supply Currents
VCC (3.3 V)
11
VDD (250 V)
μA
6
25
10
37
Control Input Leakage Current
μA
1
Series Pull-down FET On Resistance
200 mA Load
Ω
9
11.4
Shunt Pull-down FET On Resistance
50 mA Load
Ω
26
30
Switching Speed Driving 220pF Caps: Series12
TON
TOFF
Tr
Tf
50% CTL to 95% Voltage
50% CTL to 5% Voltage
10% - 90%
90% - 10%
μs
6.2
0.22
5.1
0.1
Switching Speed Driving 220pF Caps: Shunt12
TON
TOFF
Tr
Tf
50% CTL to 95% Voltage
50% CTL to 5% Voltage
10% - 90%
90% - 10%
μs
3.1
0.2
2.6
0.08
10. The parameters were measured with 500 kΩ RBIAS connecting between pin VCC and pin IBIAS.
11. IBIAS is included in the quiescent VCC current due to the bias configuration.
12. Switching parameters were measured driving 220 pF capacitors with no current load. Controls C1 and C2 were tied together. It will be
faster when C2 is inverted from C1, which is case driving a SPDT switch.


Similar Part No. - MADR-010574-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-010574-001SMB MA-COM-MADR-010574-001SMB Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
More results

Similar Description - MADR-010574-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-010574 MA-COM-MADR-010574_15 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-010574-V1 MA-COM-MADR-010574-V1 Datasheet
473Kb / 7P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-008851-000100 MA-COM-MADR-008851-000100_15 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
109Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
logo
M/A-COM Technology Solu...
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100_V5 MA-COM-MADR-008888-000100_V5 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
142Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100_15 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com