Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8239AAC-M6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8239AAC-M6T1U
Description  OVERCURRENT MONITORING IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8239AAC-M6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8239AAC-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8239AAC-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
S-8239A Series
Rev.1.4_03
8
Test Circuits
Caution
Unless otherwise specified, the output voltage levels "H" and "L" at the DO pin (VDO) are judged by
the threshold voltage (1.0 V) of the N-channel FET. Judge the DO pin level with respect to VSS.
1. Overcurrent 1 detection voltage, overcurrent 2 detection voltage, overcurrent release voltage,
UVLO detection voltage
(Test condition 1, test circuit 1)
1. 1 Active "L"
The overcurrent 1 detection voltage (VDIOV1) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" lies between the minimum and the maximum value of the overcurrent 1 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent 2 detection voltage (VDIOV2) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" lies between the minimum and the maximum value of the overcurrent 2 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent release voltage (VRIOV) is defined as the voltage V3 at which VDO goes from "L" to "H" after
decreasing V2 to 0 V and the voltage V3 is increased gradually from the set conditions of V1 = V2 = 3.5 V, V3 =
0 V.
The UVLO detection voltage (VUVLO) is defined as the voltage V1 at which VDO goes from "H" to "L" after the
voltages V1 and V3 are decreased gradually from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
1. 2 Active "H"
The overcurrent 1 detection voltage (VDIOV1) is defined as the voltage V2 whose delay time for changing VDO from
"L" to "H" lies between the minimum and the maximum value of the overcurrent 1 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent 2 detection voltage (VDIOV2) is defined as the voltage V2 whose delay time for changing VDO from
"L" to "H" lies between the minimum and the maximum value of the overcurrent 2 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent release voltage (VRIOV) is defined as the voltage V3 at which VDO goes from "H" to "L" after
decreasing V2 to 0 V and the voltage V3 is increased gradually from the set conditions of V1 = V2 = 3.5 V, V3 =
0 V.
The UVLO detection voltage (VUVLO) is defined as the voltage V1 at which VDO goes from "L" to "H" after the
voltages V1 and V3 are decreased gradually from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
2. Overcurrent 3 detection voltage (Overcurrent 3 detection function "available")
(Test condition 1, test circuit 1)
2. 1 Active "L"
The overcurrent 3 detection voltage (VDIOV3) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" lies between the minimum and the maximum value of the overcurrent 3 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
2. 2 Active "H"
The overcurrent 3 detection voltage (VDIOV3) is defined as the voltage V2 whose delay time for changing VDO from
"L" to "H" lies between the minimum and the maximum value of the overcurrent 3 detection delay time after the
voltage V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
3. Current consumption during normal operation, current consumption during UVLO operation
(Test condition 2, test circuit 2)
The current consumption during normal operation (IOPE) is the current that flows through the VDD pin (IDD) under the
set conditions of V1 = 3.5 V, V2 = 0 V.
The current consumption during UVLO operation (IUVLO) is IDD under the set conditions of V1 = V2 = 1.5 V.
4. Internal resistance between VM pin and VSS pin
(Test condition 3, test circuit 3)
The internal resistance between the VM pin and the VSS pin (RVMS) is the resistance between the VM pin and the
VSS pin under the set condition of V1 = V2 = V3 = 3.5 V.


Similar Part No. - S-8239AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8239AAC-M6T1U ABLIC-S-8239AAC-M6T1U Datasheet
492Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.5_00
More results

Similar Description - S-8239AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8239BAA-M6T1U SII-S-8239BAA-M6T1U Datasheet
1Mb / 25P
   OVERCURRENT MONITORING IC
logo
PHOENIX CONTACT
EMD-SL-C-OC-10 PHOENIX-EMD-SL-C-OC-10 Datasheet
146Kb / 7P
   Overcurrent monitoring
logo
ABLIC Inc.
S-8269B ABLIC-S-8269B Datasheet
685Kb / 32P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B ABLIC-S-8239B Datasheet
414Kb / 25P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.2_00
S-8239A ABLIC-S-8239A Datasheet
492Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.5_00
logo
Seiko Instruments Inc
S8239A SII-S8239A Datasheet
477Kb / 30P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
S8239B SII-S8239B Datasheet
409Kb / 25P
   OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com