Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8225BAE-TCT1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8225BAE-TCT1U
Description  BATTERY MONITORING IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8225BAE-TCT1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8225BAE-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8225BAE-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.5_01
S-8225B Series
7
Table 5 (2 / 2)
(Ta =
+25°C, VDS = VDD − VSS = V1 + V2 + V3 + V4 + V5 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
CTLD pin current "H"
ICTLDH
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
0.1
μA
6
CTLD pin current "L"
ICTLDL
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = VDS, V7 = V8 = V9 = 0 V
−0.1
μA
6
SEL1 pin current "H"
ISELH1
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = V8 = VDS, V9 = 0 V
0.1
μA
6
SEL2 pin current "H"
ISELH2
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = V9 = VDS, V8 = 0 V
0.1
μA
6
SEL1 pin current "L"
ISELL1
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
−0.1
μA
6
SEL2 pin current "L"
ISELL2
V1 = V2 = V3 = V4 = V5 = 3.4 V,
V6 = V7 = VDS, V8 = V9 = 0 V
−0.1
μA
6
Output Current (CO Pin Output Logic Active "H")
CO pin source current
ICOH
−10
μA
7
CO pin sink current
ICOL
10
μA
7
Output Current (CO Pin Output Logic Active "L")
CO pin source current
ICOH
−10
μA
7
CO pin sink current
ICOL
10
μA
7
Output Current (DO Pin Output Logic Active "H")
DO pin source current
IDOH
−10
μA
7
DO pin sink current
IDOL
10
μA
7
Output Current (DO Pin Output Logic Active "L")
DO pin source current
IDOH
−10
μA
7
DO pin sink current
IDOL
10
μA
7
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*2. Refer to "6. Delay time setting" in " Operation" for details of the delay time function.


Similar Part No. - S-8225BAE-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8225BAE-TCT1U ABLIC-S-8225BAE-TCT1U Datasheet
608Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.6_00
More results

Similar Description - S-8225BAE-TCT1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com