Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEJ70US48 Datasheet(PDF) 2 Page - XP Power Limited

Part # AEJ70US48
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEJ70US48 Datasheet(HTML) 2 Page - XP Power Limited

  AEJ70US48 Datasheet HTML 1Page - XP Power Limited AEJ70US48 Datasheet HTML 2Page - XP Power Limited AEJ70US48 Datasheet HTML 3Page - XP Power Limited AEJ70US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AEJ70 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
1.5
A
Measured at 100VAC
Inrush Current
70
A
230 VAC, cold start at 25 °C
Earth Leakage Current
350
µA
264 VAC, 60 Hz
No Load Input Power
0.15
W
Input Protection
T2.0A/250 VAC internal fuse in line
Output
Characteristic
Min.
Typ.
Max.
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±2
%
At 60% load
Minimum Load
No minimum load required
Start Up Delay
3s
Start Up Rise Time
20
ms
Hold Up Time
8
ms
Full load and 115 VAC
Line Regulation
±1
%
Total Regulation
±4
%
Transient Response
5%
Maximum deviation, recovering to less than 1% within
500 µs for 25% step load
Ripple and Noise
1
% pk-pk
Measured with 20 MHz Bandwidth and 10 µF electrolytic in
parallel with 0.1 µF ceramic capacitor.
Overshoot
10
%
At turn on / turn off
Overload Protection
115
185
%
Overvoltage Protection
112
140
%
Auto recovery
Short Circuit Protection
Trip and restart (hiccup), auto resetting
Temperature Coefficient
0.04
%/°C
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+65
°C
Derate from 100% load at 40 °C to 42% load at 65C
Cooling
Natural convection
Operating Humidity
5
90
%RH
Non-condensing
Storage Temperature
-40
+85
°C
Operating Altitude
5000
m
Shock
IEC68-2-27, 30 g, 11 ms half sine, 3 times in each of 6 axes
Vibration
IEC68-2-6, 10-500 Hz, 2 g 10 mins/sweep, 60 mins for each of 3 axes
Derating Curve
60
20
40
80
Ambient Temperature (ºC)
100
40
65
-20


Similar Part No. - AEJ70US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEJ100 XPPOWER-AEJ100 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS12 XPPOWER-AEJ100PS12 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS15 XPPOWER-AEJ100PS15 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS19 XPPOWER-AEJ100PS19 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS24 XPPOWER-AEJ100PS24 Datasheet
602Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AEJ70US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com