Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-000907-14020W Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-000907-14020W
Description  Solderable AlGaAs Flip Chip PIN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000907-14020W Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADP-000907-14020W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020W Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020W Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Solderable AlGaAs Flip Chip PIN
Rev. V7
MADP-000907-14020x
4
4
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0004063
4
Device Installation Guidelines
Cleanliness
This device should be handled in a clean environment. The chip is resistant to solvents and may be cleaned
using approved industry standard practices and chemicals.
Static Sensitivity
Aluminum Gallium Arsenide PIN diodes are ESD sensitive and can be damaged by static electricity.
Proper ESD handling techniques should be used. These devices are rated Class 1A, (0-250 V) HBM.
General Handling
The die has a BCB, polymer layer which provides scratch protection for the junction area and the anode air
bridge. Die can be handled with plastic tweezers or picked and placed with a #27 tip vacuum pencil.
Assembly Requirements using Electrically Conductive Silver Epoxy
The MADP-000907-14020 is designed to be inserted onto hard or soft substrates with the junction/pad side down.
It may be mounted onto a silk-screened circuit using electrically conductive silver epoxy, approximately 1-2 mils in
thickness and cured at approximately 90°C to 150°C per manufacturer’s schedule. For extended cure times, >30
minutes, temperatures must be kept below 200°C.
Eutectic Solder Die Attached
63/37 Sn/Pb or any RoHS compliant solder may be used for diode attachment. It is recommended that the
attachment surface be preheated to 100°C prior to re-flow in order to minimize CTE mismatches. Gradual
temperature ramp up and ramp down is also recommended with a maximum soldering temperature of 280°C for
less than 10 seconds. See Application Note M538 for recommended soldering profile.


Similar Part No. - MADP-000907-14020W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000907-14020W MA-COM-MADP-000907-14020W Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
More results

Similar Description - MADP-000907-14020W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
   AlGaAs Flip Chip PIN Diodes
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
   AlGaAs Flip-Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
logo
Tyco Electronics
MA4AGSBP907 MACOM-MA4AGSBP907 Datasheet
161Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
MA4AGFCP910 MACOM-MA4AGFCP910 Datasheet
216Kb / 6P
   AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz
logo
M/A-COM Technology Solu...
MADS-001317-1500 MA-COM-MADS-001317-1500 Datasheet
254Kb / 5P
   Solderable GaAs Flip Chip Schottky Diode
MAVR-000120-1411 MA-COM-MAVR-000120-1411 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com