Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADC-011010-TR0500 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MADC-011010-TR0500
Description  Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADC-011010-TR0500 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MADC-011010-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADC-011010-TR0500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Down Converter
37 - 40 GHz
Rev. V2
MADC-011010
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Input IP3 @ 37 GHz
Input IP3
Typical Performance Curves: LO = 4 dBm, RF = -20 dBm @ 50 MHz IF, PDC = 0.84 W
-5.0
-2.5
0.0
2.5
5.0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
+25°C
-40°C
+85°C
Frequency (GHz)
-5.0
-2.5
0.0
2.5
5.0
0
25
50
75
100
125
150
175
200
+25°C
-40°C
+85°C
ID1+ID2 (mA)
-5.0
-2.5
0.0
2.5
5.0
0
25
50
75
100
125
150
175
200
+25°C
-40°C
+85°C
ID1+ID2 (mA)
0
1
2
3
4
37.0
37.5
38.0
38.5
39.0
39.5
40.0
LSB
USB
Frequency (GHz)
0
1
2
3
4
37.0
37.5
38.0
38.5
39.0
39.5
40.0
LSB
USB
Frequency (GHz)
-5.0
-2.5
0.0
2.5
5.0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
PLO = -4 dBm
PLO = -2 dBm
PLO = 0 dBm
PLO = 2 dBm
PLO = 4 dBm
PLO = 6 dBm
PLO = 8 dBm
Frequency (GHz)
Input IP3, LO Power swept
Input IP3 @ 40 GHz
Input IP3, IF = 2 GHz
Input IP3, IF = 3.5 GHz


Similar Part No. - MADC-011010-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
   Receiver, High IIP3
MADC-010736-000000 MA-COM-MADC-010736-000000 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
MADC-010736-001SMB MA-COM-MADC-010736-001SMB Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
MADC-010736-TR0200 MA-COM-MADC-010736-TR0200 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
MADC-010736-TR0500 MA-COM-MADC-010736-TR0500 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
More results

Similar Description - MADC-011010-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MAIA-007495-000100 MA-COM-MAIA-007495-000100_15 Datasheet
105Kb / 5P
   Down Converter
logo
Texas Instruments
SN761688 TI-SN761688 Datasheet
269Kb / 13P
[Old version datasheet]   DOWN CONVERTER
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com