Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011247-DIE Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011247-DIE
Description  Power Amplifier, 2 W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011247-DIE Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011247-DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011247-DIE Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. V1
5
5
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011198
5
MAAP-011247-DIE
Power Amplifier, 2 W
DC - 22 GHz
Typical Performance Curves VDD = 15 V, IDSQ = 500 mA, VG1 = -3.4 V typical
Input Return Loss
S Parameters
Gain
Output Return Loss
Isolation
S Parameters @ Low Frequency
-30
-20
-10
0
10
20
30
0
2
4
6
8
10
S21
S11
S22
Frequency (MHz)
-30
-20
-10
0
10
20
30
0
5
10
15
20
25
S21
S11
S22
Frequency (GHz)
0
5
10
15
20
0
5
10
15
20
25
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
+25°C
-40°C
+85°C
Frequency (GHz)
-80
-60
-40
-20
0
0
5
10
15
20
25
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAP-011247-DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011247-000PPR MA-COM-MAAP-011247-000PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011247-EV1PPR MA-COM-MAAP-011247-EV1PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
More results

Similar Description - MAAP-011247-DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011146-STD MA-COM-MAAP-011146-STD Datasheet
1Mb / 10P
   Power Amplifier, 2 W
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
logo
NXP Semiconductors
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
   DCS/PCS 2 W power amplifier
1997 Apr 03
logo
Sanyo Semicon Device
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com