Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011247-EV1PPR Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011247-EV1PPR
Description  Lead-Free 5 mm 32-lead AQFN Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011247-EV1PPR Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011247-EV1PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011247-EV1PPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Power Amplifier, 2 W
DC - 22 GHz
Preliminary - Rev. V1P
MAAP-011247
8
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
For further information and support please visit: https://www.macom.com/support
DC-0011894
MACOM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with MACOM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAAP-011247-EV1PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
More results

Similar Description - MAAP-011247-EV1PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
MAMF-011038 MA-COM-MAMF-011038 Datasheet
889Kb / 8P
   Lead Free 2 mm 12-lead STQFN package
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
MAUC-010515 MA-COM-MAUC-010515_15 Datasheet
1Mb / 8P
   Lead-Free 6 mm Laminate Package
MADC-010736 MA-COM-MADC-010736_15 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
   Amplifier, Power, 1.2 W 10 - 13.3 GHz Lead-Free 5 mm 20-lead PQFN Package
logo
STMicroelectronics
ESDA6V1-5T6 STMICROELECTRONICS-ESDA6V1-5T6 Datasheet
172Kb / 11P
   Lead-free and RoHS package
March 2011 Rev 2
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003 Datasheet
748Kb / 5P
   Lead-Free Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com