Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KR-8M-P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 15KR-8M-P
Description  2.0 mm Pitch DA to KR Standard Catalog Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

15KR-8M-P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  15KR-8M-P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C
B
A
4
3
2
1
D
C
B
A
4
3
2
1
DRAWING NO. & REVISION
GAM-034
REVISED
3/4/2016
ASSEMBLY PART NO.
SEE TABLE 1
DESCRIPTION
2.0 mm Pitch DA to KR Standard Catalog Assembly - 2" Overall Len gth – Pin out: 1 to N
CUSTOMER NAME
CUSTOMER PART NO.
DRAWN BY
STEVEN PILKINGTON
CHECK ED BY
JUSTIN BAKER
REV.
DESCRIPTION
DATE
BY
DIMENSIONS
All dimensions are in MM with a
tolerance of +/- 3.0 unless
otherwise specified.
ITEM
CONNECTOR PART NO.
DESCRIPTION
1
See Table 1
DA CONNECTOR
2
See Table 1
KR CONNECTOR
Applicable Tooling
BCD
PIN 1
IPI CHECK
EOR CHECK
SCALE
1: 1
(60.9 +/- 3.0)
50.8 +/- 3.0
PIN 1
3
2
1
ITEM
NUMBER OF
CIRCUITS
CONNECTOR
PART NO.
ASSEMBLY PART NUMBER
TOTAL WIRE
REQUIRED
1
02DA-8M
2
02KR-8M-P
1
03DA-8M
2
03KR-8M-P
1
04DA-8M
2
04KR-8M-P
1
05DA-8M
2
05KR-8M-P
1
06DA-8M
2
06KR-8M-P
1
07DA-8M
2
07KR-8M-P
1
08DA-8M
2
08KR-8M-P
1
09DA-8M
2
09KR-8M-P
1
10DA-8M
2
10KR-8M-P
1
11DA-8M
2
11KR-8M-P
1
12DA-8M
2
12KR-8M-P
1
13DA-8M
2
13KR-8M-P
1
14DA-8M
2
14KR-8M-P
1
15DA-8M
2
15KR-8M-P
TABLE 1
A02KR02DA28W51B
101.6
A04KR04DA28W51B
A06KR06DA28W51B
203.2
304.8
A03KR03DA28W51B
152.4
A05KR05DA28W51B
254
A07KR07DA28W51B
355.6
A08KR08DA28W51B
406.4
2
4
6
8
3
5
7
9
A09KR09DA28W51B
457.2
10
A10KR10DA28W51B
508
11
A11KR11DA28W51B
558.8
12
A12KR12DA28W51B
609.6
15
A15KR15DA28W51B
762
13
A13KR13DA28W51B
660.4
14
A14KR14DA28W51B
711.2
3
UL1061, 28 AWG
WHITE


Similar Part No. - 15KR-8M-P

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
15KR-6H-P JST-15KR-6H-P Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
15KR-6H-PC JST-15KR-6H-PC Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - 15KR-8M-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A02KR02KR26E51A ETC2-A02KR02KR26E51A Datasheet
240Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 2
02DS-8E ETC2-02DS-8E Datasheet
229Kb / 1P
   2.0 mm Pitch DS Standard Catalog Assembly
A02KR02KR26E305A ETC2-A02KR02KR26E305A Datasheet
240Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 12 Overall Length Pin out 1 to 1
A02KR02KR26E51B ETC2-A02KR02KR26E51B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 2" Overall Length ??Pin out: 1 to N
A02KR02KR26E305B ETC2-A02KR02KR26E305B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 12 Overall Length Pin out: 1 to N
A02KR02KR26E152B ETC2-A02KR02KR26E152B Datasheet
230Kb / 1P
   2.0 mm Pitch KR Standard Catalog Assembly - 6 Overall Length ??Pin out 1 to N
02XSR-36S ETC2-02XSR-36S Datasheet
154Kb / 1P
   0.6 mm Pitch XSR Standard Catalog Assembly
A02XSR02XSR36R51A ETC2-A02XSR02XSR36R51A Datasheet
181Kb / 1P
   0.6 mm Pitch XSR Standard Catalog Assembly - 2 Overall Length Pin out 1 to 1
logo
Aavid, Thermal Division...
5005-09NG AAVID-5005-09NG Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com