Part Name
         Description
U2405B

 Fast Charge Controller for Drained NiCd/NiMH Batteries ( 17 Page)


TEMIC
100% 
Zoom Out Zoom In
 6 page
background image
U2405B
TELEFUNKEN Semiconductors
Rev. A2, 14-Nov-96
6 (17)
tch>10 min
Batt. inserted
*)
Reset
LED1,2 off
Power on reset
Temp. range ?
LED1 on
LED2 blinking
VBatt > 1.6 V
Fast charge
begins
LED2 blinking
VBatt ≤ 4 V
–dV
switch off
Batt. inserted
*)
LED1 blinking
Temp. range ?
no
Charge stop
LED1 off
LED2 blinking
LED1 blinking
LED2 off
no
Charge time
t1>5 min?
–dV and d2V/dt2
monitoring activated
Batt temp
range?
LED1 on
–dV
disconnect
LED2 on
Trickle charge
1/256 IO
Batt. inserted
*)
Batt. inserted
*)
LED2 on
Top off charge
1/4 IO
d2V/dt2
disconnect ?
t2> 20 min
Start
95 10625
Preformation
current I RB1
no
yes
no
no
yes
no
yes
yes
no
no
no
no
no
yes
yes
*) 70 mV > VBatt < 5 V
yes
no
yes
yes
yes
yes
yes
no
no
Figure 4. Flow chart



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U2402BFast Charge Controller for NiCd/NiMH Batteries 1 2 3 4 5 MoreTEMIC Semiconductors
TEA1103Fast charge ICs for NiCd and NiMH batteries 1 2 3 4 5 MoreNXP Semiconductors
U2407BSimple Controller for Fast Charge Systems 1 2 3 4 5 MoreTEMIC Semiconductors
ICS1722QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries 1 2 3 4 5 MoreGalaxy Power, Inc.
ICS1712Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries 1 2 3 4 5 MoreGalaxy Power, Inc.
ICS1702QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICS1700AQuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TEA1102Fast charge ICs for NiCd NiMH SLA and LiIon 1 2 3 4 5 MoreNXP Semiconductors
TPS5602DUAL FAST HIGH EFFICIENCY CONTROLLER FOR DSP POWER 1 2 3 4 5 MoreTexas Instruments
TEA1104Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl