Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAOC-409000-000PPR Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-409000-000PPR
Description  Octave Tuning Bandwidth
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-409000-000PPR Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAOC-409000-000PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-409000-000PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-409000-000PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-409000-000PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-409000-000PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Broadband Voltage Controlled Oscillator
6 - 12 GHz
Preliminary - Rev. V1P
MAOC-409000
5
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
For further information and support please visit: https://www.macom.com/support
DC-0012120
MACOM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with MACOM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
spec-
ifications and product descriptions at any time, without notice. MACOM makes no commitment to update the in-
formation and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future chang-
es to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise, to
any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAOC-409000-000PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-410100 MA-COM-MAOC-410100 Datasheet
633Kb / 5P
   Broadband Voltage Controlled Oscillator
MAOC-410100-000PPR MA-COM-MAOC-410100-000PPR Datasheet
633Kb / 5P
   Broadband Voltage Controlled Oscillator
MAOC-410100-SMBPPR MA-COM-MAOC-410100-SMBPPR Datasheet
633Kb / 5P
   Broadband Voltage Controlled Oscillator
MAOC-415000 MA-COM-MAOC-415000 Datasheet
638Kb / 5P
   Excellent Temperature Stability
MAOC-415000-000PPR MA-COM-MAOC-415000-000PPR Datasheet
638Kb / 5P
   Excellent Temperature Stability
More results

Similar Description - MAOC-409000-000PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Analog Devices
HMC587LC4B AD-HMC587LC4B Datasheet
285Kb / 6P
   Wide Tuning Bandwidth
logo
SYNERGY MICROWAVE CORPO...
SLQ-KH1 SYNERGY-SLQ-KH1 Datasheet
59Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz
SLQ-K07 SYNERGY-SLQ-K07 Datasheet
66Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com