Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMF-011038-001SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAMF-011038-001SMB
Description  Lead Free 2 mm 12-lead STQFN package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMF-011038-001SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAMF-011038-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMF-011038-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Integrated SPDT Switch and LNA with Bypass Mode
5 - 6 GHz
Rev. V1
MAMF-011038
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Typical Performance Curves:
RX Port Return Loss
TX Port Return Loss
RFC Port Return Loss
TX Isolation from RX
-35
-30
-25
-20
-15
-10
-5
0
3.5
4.5
5.5
6.5
7.5
RX_Bypass_State
RX_Gain_State
TX_State
Frequency (GHz)
-40
-30
-20
-10
0
10
3.5
4.5
5.5
6.5
7.5
RX_Bypass_State
RX_Gain_State
TX_State
Frequency (GHz)
RFC Isolation from TX
-30
-25
-20
-15
-10
-5
0
3.5
4.5
5.5
6.5
7.5
RX_Bypass_State
RX_Gain_State
TX_State
Frequency (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
3.5
4.5
5.5
6.5
7.5
RX_Bypass_State
RX_Gain_State
TX_State
Frequency (GHz)
-40
-30
-20
-10
0
10
3.5
4.5
5.5
6.5
7.5
RX_Bypass_State
RX_Gain_State
TX_State
Frequency (GHz)
RX Noise Figure, Gain Mode
0
1
2
3
4
4.0
4.5
5.0
5.5
6.0
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAMF-011038-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
More results

Similar Description - MAMF-011038-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
MAUC-010515 MA-COM-MAUC-010515_15 Datasheet
1Mb / 8P
   Lead-Free 6 mm Laminate Package
MADC-010736 MA-COM-MADC-010736_15 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
logo
STMicroelectronics
ESDA6V1-5T6 STMICROELECTRONICS-ESDA6V1-5T6 Datasheet
172Kb / 11P
   Lead-free and RoHS package
March 2011 Rev 2
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003 Datasheet
748Kb / 5P
   Lead-Free Surface Mount Package
logo
ILSI America LLC
ZTB ILSI-ZTB Datasheet
50Kb / 2P
   2 Lead Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com