Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHRL12620W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # XHRL12620W
Description  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

XHRL12620W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  XHRL12620W_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 10 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 60896-21/22:2004
Nominal Capacity
3722A
62A
Terminal hardware Torque
138.6 Kgf-cm / 120.3 Lbf-in / 13.58 N-m
Flame Retardant Polypropylene (UL 94-V0)
Length (L)
343.0±2.5 mm
13.50±0.10 inch
Width (W)
170.0±2.0 mm
6.69±0.08 inch
Container Height (h)
273.2±2.5 mm
10.76±0.10 inch
Overall Height (H)
275.7±2.5 mm
10.85±0.10 inch
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
766
641
601
571
504
458
349
283
206
147
116
81.7
1.67V
660
585
543
511
466
420
326
273
200
144
114
79.8
1.70V
622
545
512
486
448
398
315
267
196
142
113
78.3
1.75V
553
485
465
449
398
356
293
252
188
138
110
78.2
1.80V
494
443
409
383
344
315
270
229
175
131
106
75.6
1.85V
437
360
339
322
298
280
239
201
158
120
97.9
71.1
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
7070
6088
5774
5529
5280
4692
3770
3108
2304
1681
1344
966
1.67V
6439
5680
5542
5432
4894
4387
3720
2983
2249
1654
1329
959
1.70V
6090
5494
5406
5336
4692
4262
3540
2918
2222
1642
1325
957
1.75V
5579
5208
4994
4825
4311
3969
3282
2742
2135
1592
1293
944
1.80V
5235
4660
4427
4246
3894
3639
2956
2515
2017
1522
1247
916
1.85V
4134
3765
3715
3674
3470
3120
2576
2257
1864
1414
1163
867
Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com
Issued:
161101
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Dimensions
Short Circuit Current
Maximum Charge Current
Terminal types
I2 thread lead alloy terminal to accept M6 bolt
Container Material
Weight
Approx. 47.20 Kg (104.03 lbs)
Maximum Discharge Current
800A (5sec)
Internal Resistance
Approx. 2.40 mΩ
620W @15min-rate to 1.67V per cell @25℃ (77℉)
XHRL series
XHRL 12620W 12V 620W
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)


Similar Part No. - XHRL12620W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
XHRL12620W CSB-BATTERY-XHRL12620W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
More results

Similar Description - XHRL12620W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com