Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHRL12410W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # XHRL12410W
Description  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

XHRL12410W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  XHRL12410W_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 10 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 60896-21/22:2004
Nominal Capacity
3171A
41A
Terminal hardware Torque
138.6 Kgf-cm / 120.3 Lbf-in / 13.58 N-m
Flame Retardant Polypropylene (UL 94-V0)
Length (L)
308.7±2.5 mm
12.15±0.10 inch
Width (W)
169.0±2.0 mm
6.65±0.08 inch
Container Height (h)
210.6±2.5 mm
8.29±0.10 inch
Overall Height (H)
213.6±2.5 mm
8.41±0.10 inch
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
615
512
469
431
369
319
238
189
136
97.1
76.4
54.6
1.67V
552
463
427
399
341
302
229
183
133
95.7
75.6
54.2
1.70V
522
439
409
378
328
291
223
179
132
94.8
75.0
54.0
1.75V
469
402
370
343
304
269
212
171
128
92.5
73.6
53.3
1.80V
402
349
326
309
272
242
195
160
121
88.3
70.8
51.9
1.85V
311
300
283
263
233
213
171
142
110
81.6
65.9
48.8
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
6081
5070
4746
4341
3771
3322
2571
2112
1600
1136
890
632
1.67V
5600
4794
4379
4058
3599
3166
2504
2068
1580
1124
883
628
1.70V
5337
4580
4205
3922
3480
3078
2462
2040
1565
1116
878
626
1.75V
4887
4179
3899
3684
3242
2901
2362
1972
1529
1095
865
620
1.80V
4307
3763
3603
3348
2958
2687
2207
1863
1468
1058
839
605
1.85V
3660
3284
3059
2887
2635
2454
2002
1711
1372
993
790
572
Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com
Issued:
161122
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
410W @15min-rate to 1.67V per cell @25℃ (77℉)
XHRL series
XHRL 12410W 12V 410W
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)
Weight
Approx. 32.60 Kg (71.85 lbs)
Maximum Discharge Current
800A (5sec)
Internal Resistance
Approx. 2.90 mΩ
Short Circuit Current
Maximum Charge Current
Terminal types
I2 thread lead alloy terminal to accept M6 bolt
Container Material
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Dimensions
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)


Similar Part No. - XHRL12410W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
XHRL12410W CSB-BATTERY-XHRL12410W_15 Datasheet
836Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12410W CSB-BATTERY-XHRL12410W_16 Datasheet
3Mb / 2P
   Cells per unit 6 Voltage per unit 12
More results

Similar Description - XHRL12410W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com