Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-015024-DIEEV2 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-015024-DIEEV2
Description  Dual Sided Bias Architecture
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-015024-DIEEV2 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAP-015024-DIEEV2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-015024-DIEEV2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Power Amplifier, 8 W
14.5 - 17.5 GHz
Rev. V5
4
44
MAAP-015024
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
Gain vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Reverse Isolation vs. Frequency
Output Power vs. Frequency, VG = -0.9 V, VD = 8 V
Current vs. Frequency, VG = -0.9 V, VD = 8 V
-100
-80
-60
-40
-20
0
14
15
16
17
18
VG= -0.9 V, VD= 6.5 V
VG= -0.8 V, VD= 6.5 V
VG= -0.7 V, VD= 6.5 V
VG= -0.9 V, VD= 7.0 V
VG= -0.8 V, VD= 7.0 V
VG= -0.7 V, VD= 7.0 V
VG= -0.9 V, VD= 7.5 V
VG= -0.8 V, VD= 7.5 V
VG= -0.7 V, VD= 7.5 V
VG= -0.9 V, VD= 8.0 V
VG= -0.8 V, VD= 8.0 V
VG= -0.7 V, VD= 8.0 V
Frequency (GHz)
10
15
20
25
30
35
14
15
16
17
18
VG= -0.9 V, VD= 6.5 V
VG= -0.8 V, VD= 6.5 V
VG= -0.7 V, VD= 6.5 V
VG= -0.9 V, VD= 7.0 V
VG= -0.8 V, VD= 7.0 V
VG= -0.7 V, VD= 7.0 V
VG= -0.9 V, VD= 7.5 V
VG= -0.8 V, VD= 7.5 V
VG= -0.7 V, VD= 7.5 V
VG= -0.9 V, VD= 8.0 V
VG= -0.8 V, VD= 8.0 V
VG= -0.7 V, VD= 8.0 V
Frequency (GHz)
-25
-20
-15
-10
-5
0
14
15
16
17
18
VG= -0.9 V, VD= 6.5 V
VG= -0.8 V, VD= 6.5 V
VG= -0.7 V, VD= 6.5 V
VG= -0.9 V, VD= 7.0 V
VG= -0.8 V, VD= 7.0 V
VG= -0.7 V, VD= 7.0 V
VG= -0.9 V, VD= 7.5 V
VG= -0.8 V, VD= 7.5 V
VG= -0.7 V, VD= 7.5 V
VG= -0.9 V, VD= 8.0 V
VG= -0.8 V, VD= 8.0 V
VG= -0.7 V, VD= 8.0 V
Frequency (GHz)
-15
-10
-5
0
5
10
14
15
16
17
18
VG= -0.9 V, VD= 6.5 V
VG= -0.8 V, VD= 6.5 V
VG= -0.7 V, VD= 6.5 V
VG= -0.9 V, VD= 7.0 V
VG= -0.8 V, VD= 7.0 V
VG= -0.7 V, VD= 7.0 V
VG= -0.9 V, VD= 7.5 V
VG= -0.8 V, VD= 7.5 V
VG= -0.7 V, VD= 7.5 V
VG= -0.9 V, VD= 8.0 V
VG= -0.8 V, VD= 8.0 V
VG= -0.7 V, VD= 8.0 V
Frequency (GHz)
25
30
35
40
45
50
14
15
16
17
18
Pin = 9 dBm
Pin = 10 dBm
Pin = 10.9 dBm
Pin = 11.9 dBm
Pin = 12.8 dBm
Pin = 13.7 dBm
Pin = 14.7 dBm
Pin = 15.6 dBm
Pin = 16.6 dBm
Pin = 17.6 dBm
Pin = 18.6 dBm
Pin = 19.7 dBm
Pin = 20.7 dBm
Pin = 21.6 dBm
Pin = 22.5 dBm
Pin = 23.3 dBm
Pin = 24.1 dBm
Pin = 24.7 dBm
Pin = 25.1 dBm
Frequency (GHz)
0
1
2
3
4
5
6
7
14
15
16
17
18
Pin = 23.3 dBm
Frequency (GHz)


Similar Part No. - MAAP-015024-DIEEV2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
   Power Amplifier, 8 W
More results

Similar Description - MAAP-015024-DIEEV2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015036 MA-COM-MAAP-015036 Datasheet
1Mb / 13P
   Dual Sided Bias Architecture
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Leshan Radio Company
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com