Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAV-011013 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-011013
Description  High Linearity, 30 dBm IIP3
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-011013 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  MAAV-011013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAV-011013 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Voltage Variable Attenuator
5 - 45 GHz
Rev. V1
MAAV-011013
9
9
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0010352
9
MACOM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with MACOM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
spec-
ifications and product descriptions at any time, without notice. MACOM makes no commitment to update the in-
formation and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future chang-
es to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise, to
any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAAV-011013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007087-000100 MACOM-MAAV-007087-000100 Datasheet
220Kb / 4P
   Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007087-0001TB MACOM-MAAV-007087-0001TB Datasheet
220Kb / 4P
   Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007087-0001TR MACOM-MAAV-007087-0001TR Datasheet
220Kb / 4P
   Voltage Variable Attenuator 900 - 2500 MHz
logo
M/A-COM Technology Solu...
MAAV-007088 MA-COM-MAAV-007088 Datasheet
604Kb / 5P
   PIN Diode Based Variable
logo
Tyco Electronics
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
   PIN Diode Based Variable Attenuator 50 - 1000 MHz
More results

Similar Description - MAAV-011013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
   Receiver, High IIP3
logo
Peregrine Semiconductor...
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
logo
Transcom, Inc.
TA080-120-41-30 TRANSCOM-TA080-120-41-30 Datasheet
17Kb / 1P
   8 - 12GHz 30 dBm Amplifier
logo
M/A-COM Technology Solu...
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
   High IIP3 PIN Diode Variable Attenuator
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T_15 Datasheet
697Kb / 5P
   High IIP3 PIN Diode Variable Attenuator
MA4VAT904-1061T MA-COM-MA4VAT904-1061T_15 Datasheet
732Kb / 5P
   High IIP3 PIN Diode Variable Attenuator
MA4VAT907-1061T MA-COM-MA4VAT907-1061T Datasheet
192Kb / 4P
   High IIP3 PIN Diode Variable Attenuator
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
   High IIP3 PIN Diode Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com