Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS26601RHFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS26601RHFR
Description  60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26601RHFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS26601RHFR Datasheet HTML 4Page - Texas Instruments TPS26601RHFR Datasheet HTML 5Page - Texas Instruments TPS26601RHFR Datasheet HTML 6Page - Texas Instruments TPS26601RHFR Datasheet HTML 7Page - Texas Instruments TPS26601RHFR Datasheet HTML 8Page - Texas Instruments TPS26601RHFR Datasheet HTML 9Page - Texas Instruments TPS26601RHFR Datasheet HTML 10Page - Texas Instruments TPS26601RHFR Datasheet HTML 11Page - Texas Instruments TPS26601RHFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Timing Requirements
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 120 kΩ, IMON = FLT = OPEN, C(OUT) = 1 μF, C(dVdT) = OPEN.
(All voltages referenced to GND, (unless otherwise noted))
MIN
NOM
MAX
UNIT
IN and UVLO INPUT
UVLO_tON(dly)
UVLO turnon delay
UVLO
↑ (100 mV above V(UVLOR)) to V(OUT) = 100 mV,
C(dvdt) = open
250
µs
UVLO
↑ (100 mV above V(UVLOR)) to V(OUT) = 100 mV,
C(dvdt) ≥ 10 nF, [C(dvdt) in nF]
250 +
14.5 ×
C(dvdt)
µs
UVLO_toff(dly)
UVLO turnoff delay
UVLO
↓ (100 mV below V(UVLOF)) to FLT↓
10
µs
SHUTDOWN CONTROL INPUT (SHDN)
tSD(dly)
SHUTDOWN exit delay
SHDN
↑ to V(OUT) = 100 mV, C(dvdt) ≥ 10 nF, [C(dvdt) in nF]
250 +
14.5 ×
C(dvdt)
µs
SHDN
↑ to V(OUT) = 100 mV, C(dvdt) = open
250
µs
SHUTDOWN entry
delay
SHDN
↓ (below V(SHUTF)) to FLT↓
10
µs
OVER VOLTAGE PROTECTION INPUT (OVP)
tOVP(dly)
OVP exit delay
OVP
↓ (20 mV below V(OVPF)) to V(OUT) = 100 mV,
TPS26600 & TPS26601 only
200
µs
OVP disable delay
OVP
↑ (20 mV above V(OVPR)) to FLT↓, TPS26600 and
TPS26601 only
6
µs
CURRENT LIMIT
tFASTTRIP(dly)
Fast-trip comparator
delay
I(OUT) > I(FASTRIP)
250
ns
REVERSE PROTECTION COMPARATOR
tREV(dly)
Reverse protection
comparator delay
(V(IN) – V(OUT))↓ (100 mV overdrive below V(REVTH)) to
internal FET turn OFF
1.5
µs
(V(IN) – V(OUT))↓ (10 mV overdrive below V(REVTH)) to
FLT
45
tFWD(dly)
(V(IN) – V(OUT))↑ (10 mV overdrive above V(FWDTH)) to
FLT
70
THERMAL SHUTDOWN
tretry
Retry delay in TSD
512
ms
OUTPUT RAMP CONTROL (dVdT)
tdVdT
Output ramp time
SHDN
↑ to V(OUT) = 23.9 V, with C(dVdT) = 47 nF
10
ms
SHDN
↑ to V(OUT) = 23.9 V, with C(dVdT) = open
1.6
FAULT FLAG (FLT)
tCB(dly)
FLT assertion delay in
circuit breaker mode
MODE = OPEN, delay from I(OUT) > I(OL) to FLT↓
4
ms
tCBretry(dly)
Retry delay in circuit
breaker mode
MODE = OPEN
540
ms
tPGOODF
PGOOD delay (de-
glitch) time
Falling edge
875
µs
tPGOODR
Rising edge, C(dVdT) = open
1400
Rising egde, C(dVdT) ≥ 10 nF, [C(dvdt) in nF]
875 +
20 ×
C(dVdT)


Similar Part No. - TPS26601RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26601 TI1-TPS26601 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Similar Description - TPS26601RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com